Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HFL60S02 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 40HFL60S02
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFL60S02 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 40HFL60S02 Datasheet HTML 2Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 3Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 4Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 5Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 6Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 7Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 8Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 9Page - Vishay Siliconix 40HFL60S02 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93150
6
Revision: 25-May-09
40HFL, 70HFL, 85HFL Series
Vishay High Power Products
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
Fig. 6 - Current Rating Nomogram (Sinusoidal Waveforms), 85HFL Series
Fig. 7 - Current Rating Nomogram (Rectangular Waveforms), 85HFL Series
Fig. 8 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 40HFL Series
Fig. 9 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 70HFL Series
85HFL
85HFL


Similar Part No. - 40HFL60S02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HFL60S02 IRF-40HFL60S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
40HFL60S02 IRF-40HFL60S02 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
logo
Vishay Siliconix
40HFL60S02 VISHAY-40HFL60S02 Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
40HFL60S02 VISHAY-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
40HFL60S02 NJSEMI-40HFL60S02 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
More results

Similar Description - 40HFL60S02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com