Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN1315A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PAN1315A
Description  BLUETOOTH짰 RF MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PAN1315A Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PAN1315A Datasheet HTML 1Page - Panasonic Semiconductor PAN1315A Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Introducing the
NEW PAN1325A/1315A Series Bluetooth RF Modules from
Panasonic Electronic Components, now providing Texas Instruments’
NEW
CC2560A controller in an easy-to-use RF Module format with Bluetooth,
FCC, IC and CE certifications. A ROM update from Texas Instruments to the
already popular CC2560 IC has allowed Panasonic to improve its top selling
PAN1325/1315 Series.
The
NEW PAN1325A/1315A Series Modules has
increased power and system efficiency resulting from reduced initialization
script size, start-up time and decreased system memory requirements.
All of Panasonic’s Bluetooth RF Modules feature unique, tiny footprint technology
and are designed to accommodate PCBs with pad pitch of 1.3mm with as little
as two layers for easy implementation and manufacturing. With or without
an embedded antenna,
the NEW PAN1325A/1315A Series provides easily
integrated Bluetooth connectivity into new and current designs by removing RF
design and certification barriers from the application.
As the newest addition to Panasonic’s Host Controlled Interface (HCI) Bluetooth
RF Module product line, the
PAN1325A/1315A Series has all the features of
the existing and proven PAN1325/1315 Series but with the added benefits of the
improved efficiency.
An updated initialization script is required for modules based on the CC2560A. Compatibility of CC2560 and CC2560A
based products is a function of Bluetooth stack firmware residing on the host processor.
Product Performance:
• Best-in-class Bluetooth RF performance (Tx power,
Rx sensitivity, blocking)
• Fully Qualified Bluetooth v2.1 EDR
• Dimensions PAN1325A: 9mm x 9.5mm x 1.8mm
(width x length x height)
• Dimensions PAN1315A: 6.5mm x 9mm x 1.7mm
(width x length x height)
• Certifications: Bluetooth, CE, FCC
• Operating Temperature Range: -20ºC to +70ºC
• Supply Voltage Range: 1.7 - 4.8V
• Profiles: SPP, HDP, A2DP
• Based upon TI’s CC2560A
• Integrates with TI’s ultra low-power MSP430
microprocessor
• Very fast algorithm for both ACL and eSCO
• Supports Extended Range Tx power with 10dBm
typical output (10dBm for PAN1315)
• Low power scan method for page and inquiry scans
at 1/3rd normal power
PAN1325A Part Numbers:
Part Numbers
Description
ENW-89829A2JF
PAN1325A, CC2560A, HCI Module, Antenna
ENW-89818A2JF
PAN1325, CC2560, HCI Module, Antenna (available but not recommended for new design)
PAN1315A Part Numbers:
Part Numbers
Description
ENW-89829C2JF
PAN1315A, CC2560A, HCI Module, No Antenna
ENW-89818C2JF
PAN1315, CC2560, HCI Module, No Antenna (available but not recommended for new design)
New
Product
Introduction
Copyright © 2011 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
PAN1325A-1315A NPI v1, FY11-078-XXX
www.panasonic.com/rfmodules
piccomponentsmarketing@us.panasonic.com
1-800-344-2112
NEW! PAN1325A/1315A SERIES BLUETOOTH® RF MODULES
Texas Instruments NEW CC2560A Bluetooth IC In An Easy-To-Use Module Format
P
i
Design and Specifications are subject to change without notice. Ask the factory for technical specifications before purchase and/or use. If there is any doubt
regarding the safety of this product, kindly inform us immediately for technical consultation.
PAN1450 Rev. A
The PAN1450 provides wireless interface per the BT 1.2
specification. Interoperability and BT compliance testing have
been completed for the BT Chip ZV4301 from Zeevo, Inc. to
facilate rapid time-to-market.
The BT Chip incorporates a widely popular 32-bit ARM7TDMI
TM
CPU core with sufficient bandwidth to support a wide range of
embedded µController applications and the module provides
full ARM7 software development access.
The PAN1450 is manufactured in a 13,4 x 18,7 x 2,2 mm³
SMD package and the only external component needed is an
50 ohm antenna.
Any customizations for the software can be handled
with our recommended partners.
Overview
- Inquiry results with RSSI (1.2)
- Adaptive frequency hopping (AFH) enabled (1.2)
- High throughput (>600 kbps)
- Hold-, Park- and Sniffmode
- Up to 128 bit encryption
- Audio capability on an SCO channel
- Support for very low power modes - sleep and deep sleep
- All bluetooth data rates (up to 57,6/723,2Kbps)
User Interfaces
- Full-speed USB version 2.0 compliant
- Programmable baud rate UART (9,6 Kbps - 921,6 Kbps)
- Debug UART (DUART)
- 16 General Purpose I/O‘s (interruptible)
- PCM audio (1 channel)
- SPI and JTAG interface
Radio Features
- High sensitivity design (-86 dBm typ.)
- Integrated RF shield
- Class 2 module (0dBm typ. output power)
- One antenna port
FEATURES
OUTLINES - ENW89803J
P R O D U CT
QUAL
OO
TH
B01839
Bluetooth-Module PAN1450
Cut the Cable
TM
New
Product
Introduction


Similar Part No. - PAN1315A

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN1315A PANASONICBATTERY-PAN1315A Datasheet
1Mb / 4P
   A Comprehensive Guide to Choosing the Right RF Module
More results

Similar Description - PAN1315A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
   BLUETOOTH짰 LOW ENERGY RF MODULES
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
   BLUETOOTH짰 RF MODULE
logo
List of Unclassifed Man...
ARF32 ETC1-ARF32 Datasheet
768Kb / 19P
   ARF32 Bluetooth짰 Modules User Guide
ALPHA-TX ETC1-ALPHA-TX Datasheet
494Kb / 16P
   ALPHA RF MODULES
logo
Keysight Technologies
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
logo
Zilog, Inc.
PUG0030 ZILOG-PUG0030 Datasheet
1Mb / 19P
   ZAURA??RF Wireless Modules
logo
Digi International Inc.
XTP9B-DMS-001 DIGI-XTP9B-DMS-001 Datasheet
501Kb / 3P
   XTEND짰 OEM RF MODULES
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
   Bluetooth짰 technology module
logo
Texas Instruments
CC2560 TI-CC2560 Datasheet
110Kb / 2P
[Old version datasheet]   Bluetooth짰 Wireless Kit
logo
Taiyo Yuden (U.S.A.), I...
WYSEGVDXG TAIYO-YUDEN-WYSEGVDXG Datasheet
930Kb / 35P
   Wireless LAN Bluetooth짰 Module IEEE802.11ac (1x1) Bluetooth짰 4.2 WYSEGVDXG
27-Sep.2019 Ver.1.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com