Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40HFL Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 40HFL
Description  Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40HFL Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 40HFL_12 Datasheet HTML 5Page - Vishay Siliconix 40HFL_12 Datasheet HTML 6Page - Vishay Siliconix 40HFL_12 Datasheet HTML 7Page - Vishay Siliconix 40HFL_12 Datasheet HTML 8Page - Vishay Siliconix 40HFL_12 Datasheet HTML 9Page - Vishay Siliconix 40HFL_12 Datasheet HTML 10Page - Vishay Siliconix 40HFL_12 Datasheet HTML 11Page - Vishay Siliconix 40HFL_12 Datasheet HTML 12Page - Vishay Siliconix 40HFL_12 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Document Number: 93150
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-May-09
9
40HFL, 70HFL, 85HFL Series
Fast Recovery Diodes
(Stud Version), 40 A/70 A/85 A
Vishay High Power Products
Fig. 21 - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, 40HFL...S05 Series
Fig. 22 - Typical Recovered Charge vs.
Rate of Fall of Forward Current, 40HFL...S05 Series
Fig. 23 - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, 40HFL...S10 Series
Fig. 24 - Typical Recovered Charge vs.
Rate of Fall of Forward Current, 40HFL...S10 Series
Fig. 25 - Typical Reverse Recovery Time vs.
Rate of Fall of Forward Current, 70HFL...S02 Series
Fig. 26 - Typical Recovered Charge vs.
Rate of Fall of Forward Current, 70HFL...S02 Series


Similar Part No. - 40HFL_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40HFLR100S02 IRF-40HFLR100S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
40HFLR100S05 IRF-40HFLR100S05 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
40HFLR100S05 IRF-40HFLR100S05 Datasheet
360Kb / 10P
   Fast Recovery Rectifiers
40HFLR100S10 IRF-40HFLR100S10 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
40HFLR10S02 IRF-40HFLR10S02 Datasheet
3Mb / 10P
   FAST RECOVERY DIODES
More results

Similar Description - 40HFL_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com