Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N3889 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 1N3889
Description  Fast Recovery Diodes (Stud Version), 6/12/16 A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3889 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 1N3889 Datasheet HTML 5Page - Vishay Siliconix 1N3889 Datasheet HTML 6Page - Vishay Siliconix 1N3889 Datasheet HTML 7Page - Vishay Siliconix 1N3889 Datasheet HTML 8Page - Vishay Siliconix 1N3889 Datasheet HTML 9Page - Vishay Siliconix 1N3889 Datasheet HTML 10Page - Vishay Siliconix 1N3889 Datasheet HTML 11Page - Vishay Siliconix 1N3889 Datasheet HTML 12Page - Vishay Siliconix 1N3889 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document Number: 95312
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
DO-203AB (DO-5) for 40HFL, 70HFL and 85HFL
Outline Dimensions
Vishay Semiconductors
DIMENSIONS FOR 40HFL/70HFL in millimeters (inches)
1.20 (0.04)
1/4" 28UNF-2A
for metric devices: M6 x 1
Ø 14.6 (0.57)
4 (0.16) MIN.
4 (0.16)
6.1/7
(0.24/0.27)
25.4 (1) MAX.
11.1 ± 0.4
(0.44 ± 0.02)
10.8 (0.42)
11.4 (0.45)
17.40 (0.68)


Similar Part No. - 1N3889

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3889 MICROSEMI-1N3889 Datasheet
111Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3889 GENESIC-1N3889 Datasheet
706Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
2Mb / 10P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
1N3889 VISHAY-1N3889 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
logo
International Rectifier
1N3889 IRF-1N3889 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N3889

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-6FL VISHAY-VS-6FL_V01 Datasheet
188Kb / 11P
   Fast Recovery Diodes(Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
16FLR60MS02 VISHAY-16FLR60MS02 Datasheet
184Kb / 13P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 08-Apr-13
VS-6FLR VISHAY-VS-6FLR Datasheet
188Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
01-Jan-2022
VS-6FL VISHAY-VS-6FL Datasheet
189Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 06-Mar-17
VS-61216FL VISHAY-VS-61216FL Datasheet
187Kb / 11P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A, 16 A
Revision: 11-Jan-18
VS-1N3879 VISHAY-VS-1N3879 Datasheet
140Kb / 9P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 28-May-15
VS-1N3879 VISHAY-VS-1N3879_V01 Datasheet
148Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
01-Jan-2022
VS-1N387989 VISHAY-VS-1N387989 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
VS-12FR VISHAY-VS-12FR Datasheet
161Kb / 6P
   Standard Recovery Diodes, (Stud Version), 12 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com