Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G07 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP1G07
Description  Low-power buffer with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G07 Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP1G07 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74AUP1G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 15 November 2011
5 of 18
NXP Semiconductors
74AUP1G07
Low-power buffer with open-drain output
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.1
A
IOZ
OFF-state output current
VI = VIH; VO = 0 V to 3.6 V; VCC = 0 V
to 3.6 V
--
0.1
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.2
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0 Vto 0.2 V
--
0.2
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.5
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A; VCC =3.3 V
-
-
40
A
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-0.8
-pF
CO
output capacitance
output enabled; VO = GND; VCC = 0 V
-
1.7
-
pF
output disabled; VO = GND; VCC = 0 V
-
1.1
-
pF
Tamb = 40 C to +85 C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
 V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
 V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.37
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.35
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.33
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.45
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.33
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.45
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.5
A
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
74AUP1G07 NXP-74AUP1G07 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Diodes Incorporated
74AUP1G07 DIODES-74AUP1G07 Datasheet
212Kb / 11P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

Similar Description - 74AUP1G07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 NXP-74AUP1G07_10 Datasheet
147Kb / 18P
   Low-power buffer with open-drain output
Rev. 4-2 September 2010
logo
Nexperia B.V. All right...
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com