Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8513 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8513
Description  Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8513 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8513 Datasheet HTML 1Page - Allegro MicroSystems A8513 Datasheet HTML 2Page - Allegro MicroSystems A8513 Datasheet HTML 3Page - Allegro MicroSystems A8513 Datasheet HTML 4Page - Allegro MicroSystems A8513 Datasheet HTML 5Page - Allegro MicroSystems A8513 Datasheet HTML 6Page - Allegro MicroSystems A8513 Datasheet HTML 7Page - Allegro MicroSystems A8513 Datasheet HTML 8Page - Allegro MicroSystems A8513 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8513
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS1 Valid at VIN = 16 V, TA = 25ºC,
indicates specifications guaranteed through the full
operating temperature range with TA = TJ = –40ºC to125 ºC, typical specifications are at TA = 25ºC; unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage Specifications
Operating Input Voltage Range
VIN
4.5
40
V
VIN Pin UVLO Start Threshold
VUVLOrise VIN rising
−−
4.35
V
VIN Pin UVLO Stop Threshold
VUVLOfall
VIN falling
−−
3.90
V
VIN Pin UVLO Hysteresis
VUVLOhys
450
mV
Input Current
Input Quiescent Current
IQ
EN/PWM = VIH, SW = 2 MHz, no load
5
mA
Input Sleep Supply Current
IQSLEEP
VIN = 16 V, EN/PWM = 0 V
110
μA
Input Logic Levels (EN/PWM and ¯
F
¯¯
¯
¯
U¯¯
L
¯¯
T
¯ 3)
Input logic Level (Low)
VIL
5 V < VIN < 40 V
−−
400
mV
Input logic Level (High)
VIH
5 V < VIN < 40 V
1.5
−−
V
EN/PWM Pull-Down Resistor
REN/PWM EN/PWM = 5 V
100
¯F¯¯A¯¯¯U¯¯L¯¯T¯ Pin Pull-Down Voltage
VFAULT
IFAULT = 0.5 mA
−−
0.4
V
¯F¯¯A¯¯¯U¯¯L¯¯T¯ Pin Leakage Current
IFAULTlkg
VFAULT = 5 V
−−
1
μA
Error Amplifier
Open Loop Voltage Gain
AVOL
45
dB
Transconductance
gm
ΔICOMP = ±10 μA
990
−μA/V
Source Current
IEA(SRC)
VCOMP = 1.5 V
–360
−μA
Sink Current
IEA(SINK)
VCOMP = 1.5 V
360
−μA
COMP Pin Pull-Down Resistance
RCOMP
¯F¯¯A¯¯¯U¯¯L¯¯T¯ asserted
2000
−Ω
Output Overvoltage Protection
Overvoltage Protection Threshold
VOVPHI(th) Measured at OVP Pin
1.168
1.218
1.268
V
OVP Pin Leakage Current
IOVPH
Standard CMOS input, measured at
VOVP = 1.2 V
−−
100
nA
OVP Pin Undervoltage Threshold
VUVP(th)
Measured at OVP Pin
−−
110
mV
Secondary Overvoltage Protection
VOVP(sec) Measured at SW Pin
53
55.5
58
V
BOOST Switch
Switch On-Resistance
RDS(on)SW ISW = 750 mA, VIN = 16 V
450
800
Switch Leakage Current
ISWlkg
VSW = 16 V, EN/PWM = VIL, TA = TJ
between –40ºC and 85ºC
0.1
1
uA
VSW = 16 V, EN/PWM = VIL, TA = TJ=125ºC
10
uA
Switch Current Limit
ISW(LIM)
1.9
2.2
2.8
A
Secondary Switch Current Limit
ISW(LIM2)
Higher than ISW(LIM)(max) in all conditions,
A8513 latches when detected
3
3.5
4.64
A
Minimum Switch On-Time
tSW(ON)
75
100
ns
Minimum Switch Off-Time
tSW(OFF)
55
85
ns
Continued on the next page…


Similar Part No. - A8513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
A8511 ALLEGRO-A8511 Datasheet
579Kb / 24P
   2 MHz, 4 Channel 횞 150 mA WLED/RGB Driver
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8512 ALLEGRO-A8512 Datasheet
612Kb / 18P
   LED Backlight Driver for LCD Monitors and Televisions
A8512EETTR-T ALLEGRO-A8512EETTR-T Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
More results

Similar Description - A8513

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8502KLPTR-T ALLEGRO-A8502KLPTR-T Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
A8502 ALLEGRO-A8502 Datasheet
1Mb / 35P
   Wide Input Voltage Range, High Efficiency
A8508 ALLEGRO-A8508 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8509 ALLEGRO-A8509 Datasheet
1Mb / 28P
   Wide Input Voltage Range, High Efficiency
A8510 ALLEGRO-A8510 Datasheet
1Mb / 33P
   Wide Input Voltage Range, High Efficiency
logo
Maxic Technology Corpor...
MT7608 MAXIC-MT7608 Datasheet
80Kb / 1P
   Wide Input Voltage Range, Linear LED Driver
logo
Allegro MicroSystems
A8522 ALLEGRO-A8522 Datasheet
2Mb / 65P
   Wide Input Voltage, Fault Tolerant, Independently Controlled Multi-Channel LED Driver with I2C Interface
logo
Princeton Technology Co...
PT6911 PTC-PT6911 Datasheet
178Kb / 4P
   Wide Input Range Buck LED Driver
logo
CUI INC
VLD25-300-SMT CUI-VLD25-300-SMT Datasheet
406Kb / 6P
   LED DRIVER wide input and output voltage range SMT package
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com