Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STZ8039 Datasheet(PDF) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

Part # STZ8039
Description  Silicon Planar Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
Direct Link  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

STZ8039 Datasheet(HTML) 3 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  STZ8039 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. STZ8039 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient of
Zener Voltage
lZT for
VZ
ZZT
ZZK
at IZK
IR
at VR
SZ (mV/OC)
Typ. at IZT
mA
V
Ω (Max.)
Ω (Max.)
mA
μA (Max.)
V
STZ8082
1Z
5
7.7…8.7
20
60
0.5
0.5
5
4.6
STZ8082A
2Z1
7.77…8.17
STZ8082B
EJ
8.03…8.43
STZ8082C
3B1
8.29…8.7
STZ8091
2A
5
8.5…9.6
20
60
0.5
0.5
6
5.5
STZ8091A
3D1
8.58…9.02
STZ8091B
EK
8.87…9.33
STZ8091C
3F1
9.14…9.6
STZ8100
2B
5
9.4…10.6
30
60
0.5
0.1
7
6.4
STZ8100A
3H1
9.44…9.92
STZ8100B
8B
9.75…10.25
STZ8100C
3K1
10.07…10.59
STZ8110
2C
5
10.4…11.6
30
60
0.5
0.1
8
7.4
STZ8110A
3M1
10.4…10.94
STZ8110B
EN
10.73…11.28
STZ8110C
3P1
11.05…11.6
STZ8120
2D
5
11.4…12.7
30
80
0.5
0.1
9
8.4
STZ8120A
3R1
11.4…11.96
STZ8120B
8D
11.73…12.33
STZ8120C
3T1
12.06…12.68
STZ8130
2E
5
12.4…14.1
35
80
0.5
0.1
10
9.4
STZ8130A
3W1
12.4…12.99
STZ8130B
ER
12.73…13.4
STZ8130C
3Y1
13.25…14.08
STZ8140
3Z1
5
13.65…14.35
40
80
0.5
0.1
10
10
STZ8150
2F
5
13.9…15.6
40
80
0.5
0.1
11
11.4
STZ8150A
4B1
13.9…14.76
STZ8150B
EX
14.6…15.35
STZ8150C
4D1
14.95…15.6
STZ8160
2H
5
15.3…17.1
50
80
0.5
0.1
12
12.4
STZ8160A
4F1
15.3…16.09
STZ8160B
8H
15.7…16.5
STZ8160C
4H1
16.26…17.1
STZ8180
2J
5
16.9…19.1
60
80
0.5
0.1
13
14.4
STZ8180A
4K1
16.9…17.76
STZ8180B
8J
17.55…18.45
STZ8180C
4M1
18.2…19.1
STZ8200
2K
5
18.8…21.2
80
100
0.5
0.1
15
16.4
STZ8200A
4P1
18.85…19.81
STZ8200B
8K
19.5…20.5
STZ8200C
4R1
20.15…21.19
STZ8220
2M
5
20.8…23.3
80
100
0.5
0.1
17
18.4
STZ8220A
4T1
20.8…21.86
STZ8220B
8M
21.45…22.55
STZ8220C
4W1
22.1…23.24
STZ8000 Series
Date:2011/05
www.htsemi.com
semiconductor
JinYu


Similar Part No. - STZ8039

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
STZ8039 SEMTECH_ELEC-STZ8039 Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
STZ8039A SEMTECH_ELEC-STZ8039A Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
STZ8039B SEMTECH_ELEC-STZ8039B Datasheet
301Kb / 5P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - STZ8039

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com