Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU7808-B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SU7808-B
Description  2-Terminal Positive Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SU7808-B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SU7808-B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SU7808-B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SU7808-B Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SU7808-B Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SU78xx-B Series
2-Terminal
Positive Voltage Regulator
17-Aug-2011 Rev. C
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SU78XX-B series of fixed-voltage monolithic
integrated-circuit voltage regulators designed for a wide
range of applications. These applications include on-card
regulation for elimination of noise and distribution problems
associated with single-point regulation. Each of these
regulators can deliver up to 1A of output current.
The internal current limiting and thermal shutdown features
of the regulators make them essentially immune to overload.
FEATURES
5V,6V,8V,9V,10V,12V Output Voltage
Available
Output Transistor Safe-Area Compensation
No External Components
Internal Thermal Overload Protection
Internal Short-Circuit Current Limiting
High Power Dissipation Capability
PACKAGE INFORMATION
Package
MPQ
Leader Size
TO-263
0.8K
13 inch
TYPICAL APPLICATION
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Input Voltage
VIN
35
V
Output Current
IO
1.5
A
Operating Junction And Storage Temperature Range
TJ,TSTG
-55~150
°C
Thermal Resistance Junction-Air
RJA
83.3
°C / W
Thermal Resistance Junction-Cases
RJC
8.33
°C / W
TO-263-2L
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.80
c2
1.17
1.45
b
0.76
1.00
b2
1.1
1.47
L4
0.00
0.30
D
8.5
9.0
c
0.36
0.5
e
2.54 REF
L3
1.50 REF
L
14.6
15.8
L1
2.29
2.79

E
9.80
10.4
L2
1.27 REF


Similar Part No. - SU7808-B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SU78XX SECOS-SU78XX Datasheet
534Kb / 4P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
More results

Similar Description - SU7808-B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com