Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3458N Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3458N
Description  3.4A , 60V , RDS(ON) 92 m N-Channel Enhancement Mode Mos.FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3458N Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  STT3458N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3458N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
STT3458N
3.4A , 60V , RDS(ON) 92 m
N-Channel Enhancement Mode Mos.FET
05-Mar-2012 Rev. B
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - STT3458N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT3458N VBSEMI-STT3458N Datasheet
403Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT3458N SECOS-STT3458N_15 Datasheet
582Kb / 4P
   N-Channel Enhancement Mode Mos.FET
More results

Similar Description - STT3458N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSE90N06-10P SECOS-SSE90N06-10P_11 Datasheet
617Kb / 4P
   90A , 60V , RDS(ON) 9.9 m N-Channel Enhancement Mode MOSFET
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
   N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
STT3962NE SECOS-STT3962NE Datasheet
104Kb / 2P
   2.3A , 60V , RDS(ON) 0.153 N-Channel Enhancement Mode MOSFET
SDT3A5N06-C SECOS-SDT3A5N06-C Datasheet
338Kb / 4P
   3.5A, 60V, RDS(on) 100 m(ohm) N-Channel Enhancement Mode Power MOSFET
SDT6N06-C SECOS-SDT6N06-C Datasheet
617Kb / 4P
   6A, 60V, RDS(on) 44 m(ohm) N-Channel Enhancement Mode Power MOSFET
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com