Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP10200 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SP10200
Description  Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP10200 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP10200_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP10200_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SP10200
Voltage 200V
10.0 Amp Schottky Barrier Rectifiers
15-Jul-2011 Rev. G
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.



RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Low forward voltage drop
Low reverse current
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 1.98 g (Approximate)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
200
V
Working Peak Reverse Voltage
VRSM
200
V
Maximum DC Blocking Voltage
VDC
200
V
(Per Leg)
5
Maximum Average Forward Rectified
Current
(Per Device)
IF
10
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC method)
IFSM
120
A
(IF=5A, TJ=25°C, per leg)
0.92
Maximum Instantaneous
Forward Voltage
(IF=5A, TJ=125°C, per leg)
VF
0.80
V
TJ=25°C
0.02
Maximum DC Reverse Current
at Rated DC Blocking Voltage
3
TJ=100°C
IR
10
mA
Typical Junction Capacitance
1
CJ
350
pF
Typical Thermal Resistance
2
RθJC
4
°C / W
Voltage Rate of Chance (Rated VR)
dv / dt
10000
V / μs
Operating Temperature Range
TJ
-50~150
°C
Storage Temperature Range
TSTG
-65~175
°C
Notes:
1.
Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Pulse Test:Pulse Width = 300 μs, Duty Cycle ≦ 2.0%.
A
M
J
K
L
L
G
F
B
N
D
E
C
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.60
15.70
H
2.70
3.80
B
9.50
10.50
J
0.90
1.50
C
12.60
14.00
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.30
3.2
M
2.40
3.00
F
2.30
2.80
N
 3.0
3.4
G
0.30
0.70
ITO-220


Similar Part No. - SP10200_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP10200 SECOS-SP10200_15 Datasheet
253Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SP10200_11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10200C SECOS-SM10200C Datasheet
311Kb / 2P
   Voltage 200V 10.0 Amp Schottky Barrier Rectifiers
SP1040 SECOS-SP1040_11 Datasheet
260Kb / 2P
   Voltage 40V 10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
   10.0 Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com