Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM340AS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM340AS
Description  Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM340AS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM340AS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM340AS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM340AS Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM320AS~SM3200AS
Voltage 20V ~ 200V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
06-Jul-2011 Rev.A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability
Guardring for overvoltage protection
Ultra high-speed switching
Silicon epitaxial planar chip, metal silicon junction
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
MECHANICAL DATA
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA-S
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
MARKING
Product
Marking Code
Product
Marking Code
SM320AS
SK32
SM380AS
SK38
SM330AS
SK33
SM3100AS
S310
SM340AS
SK34
SM3150AS
S315
SM350AS
SK35
SM3200AS
S320
SM360AS
SK36
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA-S
2K
7 inch
SMA-S
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.4
1.6
D
0.3TYP.
0.203
B
5.0
5.4
E
1.0 TYP.
C
2.3
2.7
F
1.5
1.8


Similar Part No. - SM340AS

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM340A UNIOHM-SM340A Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM340A SECOS-SM340A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM340A SECOS-SM340A Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM340A TAYCHIPST-SM340A Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM340A LRC-SM340A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
More results

Similar Description - SM340AS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
   20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
   VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320AF SECOS-SM320AF Datasheet
243Kb / 2P
   20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
SR3200 SECOS-SR3200 Datasheet
145Kb / 2P
   VOLTAGE 200V 3.0 Amp Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS22A FS-SS22A Datasheet
186Kb / 2P
   VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
FM120 CHENDA-FM120 Datasheet
910Kb / 5P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com