Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFG20ED100F Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SFG20ED100F
Description  Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SFG20ED100F Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SFG20ED100F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SFG20ED100F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SFG20ED100F ~ SFG20ED600F
Voltage 100V ~ 600V
20.0 Amp Super Fast Rectifier
Elektronische Bauelemente
05-May-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVE


Similar Part No. - SFG20ED100F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20ED100 SECOS-SFG20ED100 Datasheet
989Kb / 2P
   Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
More results

Similar Description - SFG20ED100F

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SFG20ED100 SECOS-SFG20ED100 Datasheet
989Kb / 2P
   Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
   Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SF20ED20F SECOS-SF20ED20F Datasheet
206Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD40 SECOS-SF20TD40 Datasheet
214Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD60 SECOS-SF20TD60 Datasheet
212Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD60F SECOS-SF20TD60F Datasheet
207Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD40F SECOS-SF20TD40F Datasheet
205Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SFG16UD100 SECOS-SFG16UD100 Datasheet
227Kb / 2P
   Voltage 200V ~600V 16.0 Amp Super Fast Rectifier
SE33G SECOS-SE33G Datasheet
262Kb / 2P
   Voltage 200V ~ 600V 3.0 Amp Super Fast Recovery Rectifier
SFG08E200F SECOS-SFG08E200F Datasheet
465Kb / 4P
   Voltage 200V ~ 600V 8.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com