Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL10G Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBL10G
Description  Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBL10G Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBL10G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBL10G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBL005G~KBL10G
Voltage 50V ~ 1000V,
4.0Amp Glass Passivated Bridge Rectifiers
Elektronische Bauelemente
26-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Surge overload rating – 125 Amperes peak
Ideal for printed circuit board
Plastic material has underwriters laboratory
flammability classification 94V-0
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
KBL
005G
KBL
01G
KBL
02G
KBL
04G
KBL
06G
KBL
08G
KBL
10G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Output Current at TA=50°C
1
I(AV)
4
A
Peak Forward Surge Current, 8.3ms Single
Half Sine-Wave Superimposed on Rated
Load
IFSM
125
A
Maximum Forward Voltage Drop Per Bridge
Element @ 4A Peak
VF
1.1
V
Maximum Reverse Current at
Rated DC Blocking Voltage
TA=25°C
IR
10
µ
A
TA=150°C
1
mA
Operating & Storage Temperature Range
TJ,TSTG
-55~150
°C
Note:
1. Mounting condition, 0.5” lead length maximum
KBL
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
18.5
19.5
F
4.6
5.6
B
15.2
16.3
G
1.8
2.2
C
6.0
6.5
H
19.0
-
D
13.9
14.9
I
1.2 TYP.
E
(4.0) x 45°


Similar Part No. - KBL10G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
KBL10G FORMOSA-KBL10G Datasheet
114Kb / 6P
   Bridge Rectifier
logo
HY ELECTRONIC CORP.
KBL10G HY-KBL10G Datasheet
496Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBL10G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU4005 SECOS-GBU4005 Datasheet
248Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D4KB05 SECOS-D4KB05 Datasheet
942Kb / 2P
   Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
   Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
KBU8A SECOS-KBU8A Datasheet
97Kb / 2P
   VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com