Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY280 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFY280
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY280 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFY280 Datasheet HTML 1Page - Siemens Semiconductor Group BFY280 Datasheet HTML 2Page - Siemens Semiconductor Group BFY280 Datasheet HTML 3Page - Siemens Semiconductor Group BFY280 Datasheet HTML 4Page - Siemens Semiconductor Group BFY280 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY 280
Semiconductor Group
3
Draft A03 1998-04-01
4)
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Transition frequency
I
C = 6 mA, VCE = 5 V, f = 500 MHz
f
T
6.5
7.2
GHz
Collector-base capacitance
V
CB = 5 V, VBE = vbe = 0, f = 1 MHz
C
CB
-
0.2
0.27
pF
Collector-emitter capacitance
V
CE = 10 V, VBE = vbe = 0, f = 1 MHz
C
CE
-
0.34
-
pF
Emitter-base capacitance
V
EB = 0.5 V, VCB = vcb = 0, f = 1 MHz
C
EB
-
0.4
0.5
pF
Noise figure
I
C = 2 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt
F
-
2.2
2.9
dB
Power gain
I
C = 6 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt, ZL = ZLopt
G
ma
4)
13
14
-
dB
Transducer gain
I
C = 6 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZL = 50 W
½S
21e½
2
9.5
11
-
dB
G
ma
S21
S12
----------- kk
2
1
Ð
Ð
() G
ms
,
S21
S12
-----------
==


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY182HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY183HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFY181HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn