Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY280 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BFY280
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY280 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BFY280 Datasheet HTML 1Page - Siemens Semiconductor Group BFY280 Datasheet HTML 2Page - Siemens Semiconductor Group BFY280 Datasheet HTML 3Page - Siemens Semiconductor Group BFY280 Datasheet HTML 4Page - Siemens Semiconductor Group BFY280 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BFY 280
Semiconductor Group
2
Draft A03 1998-04-01
Electrical Characteristics
3)
This test assures
V
(BR)CE0 > 8 V.
Table 2
DC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Collector-base cutoff current
V
CB = 10 V, IE = 0
I
CBO
--
100
mA
Collector-emitter cutoff current
V
CE = 8 V, IB = 0.1 mA
3)
I
CEX
--
100
mA
Collector-base cutoff current
V
CB = 8 V, IE = 0
I
CBO
--
50
nA
Emitter-base cutoff current
V
EB = 2 V, IC = 0
I
EBO
--
25
mA
Emitter-base cutoff current
V
EB = 1 V, IC = 0
I
EBO
--
0.5
mA
Base-emitter forward voltage
I
E = 5 mA, IC = 0
V
FBE
--
1V
DC current gain
I
C = 0.25 mA, VCE = 1 V
h
FE
30
100
175
-


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY182HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY183HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFY181HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn