Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY280 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BFY280
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY280 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFY280 Datasheet HTML 1Page - Siemens Semiconductor Group BFY280 Datasheet HTML 2Page - Siemens Semiconductor Group BFY280 Datasheet HTML 3Page - Siemens Semiconductor Group BFY280 Datasheet HTML 4Page - Siemens Semiconductor Group BFY280 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Micro-X1
Semiconductor Group
1
Draft A04 1998-04-01
HiRel NPN Silicon RF Transistor
BFY 280
Features
¥ HiRel Discrete and Microwave Semiconductor
¥ For low noise, low power amplifiers at collector
currents from 0.2 mA to 8 mA
¥ Hermetically sealed microwave package
¥
f
T = 7.2 GHz, F = 2.5 dB at 2 GHz
¥
qualified
¥ ESA/SCC Detail Spec. No.: 5611/006
ESD: Electrostatic discharge sensitive device, observe handling precautions!
(ql) Quality Level: P: Professional Quality,
Ordering Code: Q97302026
H: High Rel Quality,
Ordering Code: on request
S: Space Quality,
Ordering Code: on request
ES: ESA Space Quality, Ordering Code: Q97111414
(see Chapter Order Instructions for ordering example)
1)
The maximum permissible base current for
V
FBE measurements is 5 mA (spot measurement duration < 1 s).
2) T
S is measured on the collector lead at the soldering point to the pcb.
Type
Marking
Ordering Code
Pin Configuration
Package
BFY 280 (ql)
-
see below
C
E
B
E
Micro-X1
Table 1
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Collector-emitter voltage
V
CEO
8V
Collector-emitter voltage,
V
BE = 0
V
CES
15
V
Collector-base voltage
V
CBO
15
V
Emitter-base voltage
V
EBO
2V
Collector current
I
C
10
mA
Base current
I
B
1.2
1)
mA
Total power dissipation,
T
S £ 104 °C
2)
P
tot
80
mW
Junction temperature
T
j
200
°C
Operating temperature range
T
op
- 65 É + 200
°C
Storage temperature range
T
stg
- 65 É + 200
°C
Thermal Resistance
Junction soldering point
2)
R
th JS
< 450
K/W


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY182HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY183HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFY181HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BAT14HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BAT15HiRel Silicon Schottky Diode HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY43HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn