Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY196 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFY196
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY196 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFY196 Datasheet HTML 1Page - Siemens Semiconductor Group BFY196 Datasheet HTML 2Page - Siemens Semiconductor Group BFY196 Datasheet HTML 3Page - Siemens Semiconductor Group BFY196 Datasheet HTML 4Page - Siemens Semiconductor Group BFY196 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY 196
Semiconductor Group
3
Draft A03 1998-04-01
4)
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Transition frequency
I
C = 70 mA, VCE = 5 V, f = 500 MHz
f
T
6
6.5
-
GHz
Collector-base capacitance
V
CB = 10 V, VBE = vbe = 0, f = 1 MHz
C
CB
-
1
1.3
pF
Collector-emitter capacitance
V
CE = 10 V, VBE = vbe = 0, f = 1 MHz
C
CE
-
0.44
-
pF
Emitter-base capacitance
V
EB = 0.5 V, VCB = vcb = 0, f = 1 MHz
C
EB
-
3.6
4.3
pF
Noise figure
I
C = 20 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt
F
-
3
3.5
dB
Power gain
I
C = 70 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt, ZL = ZLopt
G
ma
4)
10
11
-
dB
Transducer gain
I
C = 70 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZL = 50 W
½S
21e½
2
45
-
dB
Output power
I
C = 80 mA, VCE = 5 V, f = 2 GHz,
P
IN = 15 dBm, ZS = ZL = 50 W
P
out
18.5
19.5
-
dBm
G
ma
S21
S12
----------- kk
2
1
Ð
Ð
() G
ms
,
S21
S12
-----------
==


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFP420NPN Silicon RF Transistor For high gain low noise amplifiers For oscillators up to 10 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY280HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
2SC3809NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE 1 2 3 4 NEC
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
2SC3810NPN SILICON EPITAXIAL TRANSISTOR FOR MICROWAVE AMPLIFIERS AND ULTRA HIGH SPEED SWITCHINGS INDUSTRIAL USE 1 2 3 4 NEC
NTE313Silicon NPN Transistor High Gain Low Noise VHF Mixer and VHF/RF Amp 1 2 NTE Electronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn