Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY193 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BFY193
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFY193 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BFY 193
Semiconductor Group
4
Draft A03 1998-04-01
Order Instructions
Full type variant including quality level must be specified by the orderer. For HiRel
Discrete and Microwave Semiconductors the ordering code specifies device family and
quality level.
Ordering Form:
Ordering Code: QÉ
BFY193 (x) (ql)
(ql): Quality Level
Ordering Example:
Ordering Code: Q62702F1701
BFY193 ES
For BFY193 in ESA Space Quality Level
Further Information
See our WWW-Pages:
Ð Discrete and RF-Semiconductors (Small Signal Semiconductors)
www.siemens.de/semiconductor/products/35/35.htm
Ð HiRel Discrete and Microwave Semiconductors
www.siemens.de/semiconductor/products/35/353.htm
Please contact also our marketing division:
Tel.: ++89 6362 4480
Fax.: ++89 6362 5568
e-mail: martin.wimmers@hl.siemens.de


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFP420NPN Silicon RF Transistor For high gain low noise amplifiers For oscillators up to 10 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR106NPN Silicon RF Transistor For low noise high-gain amplifiers For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY280HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn