Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFY193 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFY193
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY193 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFY193 Datasheet HTML 1Page - Siemens Semiconductor Group BFY193 Datasheet HTML 2Page - Siemens Semiconductor Group BFY193 Datasheet HTML 3Page - Siemens Semiconductor Group BFY193 Datasheet HTML 4Page - Siemens Semiconductor Group BFY193 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY 193
Semiconductor Group
3
Draft A03 1998-04-01
4)
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Transition frequency
I
C = 40 mA, VCE = 5 V, f = 500 MHz
I
C = 50 mA, VCE = 8 V, f = 500 MHz
f
T
6.5
-
7.5
8
-
-
GHz
Collector-base capacitance
V
CB = 10 V, VBE = vbe = 0, f = 1 MHz
C
CB
-
0.56
0.75
pF
Collector-emitter capacitance
V
CE = 10 V, VBE = vbe = 0, f = 1 MHz
C
CE
-
0.34
-
pF
Emitter-base capacitance
V
EB = 0.5 V, VCB = vcb = 0, f = 1 MHz
C
EB
-
1.9
2.4
pF
Noise figure
I
C = 15 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt
F
-
2.3
2.9
dB
Power gain
I
C = 40 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt, ZL = ZLopt
G
ma
4)
12.5
13.5
-
dB
Transducer gain
I
C = 40 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZL = 50 W
½S
21e½
2
89
-
dB
Output power
I
C = 50 mA, VCE = 5 V, f = 2 GHz,
P
IN = 10 dBm, ZS = ZL = 50 W
P
out
16.5
17.5
-
dBm
G
ma
S21
S12
----------- kk
2
1
Ð
Ð
() G
ms
,
S21
S12
-----------
==


Similar Part No. - BFY193

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY193 INFINEON-BFY193 Datasheet
394Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193 INFINEON-BFY193 Datasheet
149Kb / 4P
   HiRel NPN Silicon RF Transistor
V2, February 2011
BFY193ES INFINEON-BFY193ES Datasheet
394Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193H INFINEON-BFY193H Datasheet
394Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
BFY193P INFINEON-BFY193P Datasheet
394Kb / 5P
   HiRel NPN Silicon RF Transistor
September 99
More results

Similar Description - BFY193

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY180 SIEMENS-BFY180 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com