Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY193 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BFY193
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain broadband amplifiers up to 2 GHz.)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFY193 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BFY 193
Semiconductor Group
5
Draft A03 1998-04-01
Figure 1
Micro-X1 Package
X Y
1.78
1.02 ±0.1
0.1
0.76
±0.25
1.05
GXM05552
1
2
3
4
-0.03
+0.05


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY180HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA 1 2 3 4 5 Siemens Semiconductor Group
BFP420NPN Silicon RF Transistor For high gain low noise amplifiers For oscillators up to 10 GHz 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR106NPN Silicon RF Transistor For low noise high-gain amplifiers For linear broadband amplifiers 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY280HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor 1 2 3 4 5 Siemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BXY42HiRel Silicon PIN Diode HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn