Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4GBJ8005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part No. 4GBJ8005
Description  Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

4GBJ8005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4GBJ8005 ~ 4GBJ810
Voltage 50V ~ 1000V
8.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
19-Oct-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has Underwriters Laboratory
flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
4GBJ
8005
4GBJ
801
4GBJ
802
4GBJ
804
4GBJ
806
4GBJ
808
4GBJ
810
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heat sink)
2
I(AV)
8
A
Rectified Current @TC=100°C (without heat sink)
2.9
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load
(JEDEC Method)
IFSM
160
A
Maximum Forward Voltage @ 4A DC
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TJ=25°C
IR
10
µA
TJ=125°C
500
I
2t Rating for Fusing (t<8.3ms)
I
2t
120
A
2s
Typical Junction Capacitance Per Element
1
CJ
55
pF
Typical Thermal Resistance
RθJC
1.8
°C/W
Operating and Storage temperature range
TJ,TSTG
-55~150
°C
Notes:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.
Device mounted on 75mm*75mm*1.6mm Cu plate heat sink.
4GBJ
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.5
1.9
D
17.0
18.0
M
1.7
2.1
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.3
9.7
H
2.5
2.9
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn