Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4GBJ401 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 4GBJ401
Description  Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

4GBJ401 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  4GBJ401 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 4GBJ401 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4GBJ4005 ~ 4GBJ410
Voltage 50V ~ 1000V
4.0 Amp Glass Passivited Bridge Rectifiers
Elektronische Bauelemente
19-Oct-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - 4GBJ401

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
4GBJ401 BWTECH-4GBJ401 Datasheet
276Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
4GBJ401 HY-4GBJ401 Datasheet
466Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
4GBJ401-G COMCHIP-4GBJ401-G Datasheet
87Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - 4GBJ401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBL005 SECOS-GBL005 Datasheet
790Kb / 2P
   Voltage 50V ~ 1000V 4.0 Amp Glass Passivited Bridge Rectifiers
GBJ8005 SECOS-GBJ8005_11 Datasheet
957Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
4GBJ8005 SECOS-4GBJ8005 Datasheet
971Kb / 2P
   Voltage 50V ~ 1000V 8.0 Amp Glass Passivited Bridge Rectifiers
GBJ15005 SECOS-GBJ15005 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 15.0 Amp Glass Passivited Bridge Rectifiers
GBJ20005 SECOS-GBJ20005 Datasheet
948Kb / 2P
   Voltage 50V ~ 1000V 20.0 Amp Glass Passivited Bridge Rectifiers
GBJ25005 SECOS-GBJ25005_11 Datasheet
970Kb / 2P
   Voltage 50V ~ 1000V 25.0 Amp Glass Passivited Bridge Rectifiers
4GBJ6005 SECOS-4GBJ6005 Datasheet
931Kb / 2P
   Voltage 50V ~ 1000V 6.0 Amp Glass Passivited Bridge Rectifiers
GBJ10005 SECOS-GBJ10005_11 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
GBJ50005 SECOS-GBJ50005 Datasheet
853Kb / 2P
   Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
RS401L SECOS-RS401L Datasheet
128Kb / 2P
   VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com