Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFY180 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BFY180
Description  HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low power amplifiers at collector currents from 0.2 to 2.5 mA)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFY180 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFY180 Datasheet HTML 1Page - Siemens Semiconductor Group BFY180 Datasheet HTML 2Page - Siemens Semiconductor Group BFY180 Datasheet HTML 3Page - Siemens Semiconductor Group BFY180 Datasheet HTML 4Page - Siemens Semiconductor Group BFY180 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFY 180
Semiconductor Group
3
Draft A04 1998-04-01
4)
Table 3
AC Characteristics at
T
A = 25 °C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Transition frequency
I
C = 0.2 mA, VCE = 5 V, f = 500 MHz
f
T
5.5
6.5
-
GHz
Collector-base capacitance
V
CB = 5 V, VBE = vbe = 0, f = 1 MHz
C
CB
-
0.15
0.24
pF
Collector-emitter capacitance
V
CE = 5 V, VBE = vbe = 0, f = 1 MHz
C
CE
-
0.34
-
pF
Emitter-base capacitance
V
EB = 0.5 V, VCB = vcb = 0, f = 1 MHz
C
EB
-
0.25
0.4
pF
Noise figure
I
C = 2 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt
F
-
2.6
3.2
dB
Power gain
I
C = 2 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZSopt, ZL = ZLopt
G
ma
4)
12
13.5
-
dB
Transducer gain
I
C = 2 mA, VCE = 5 V, f = 2 GHz,
Z
S = ZL = 50 W
½S
21e½
2
6.5
8
-
dB
G
ma
S21
S12
----------- kk
2
1
Ð
Ð
() G
ms
,
S21
S12
-----------
==


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFY193HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain broadband amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
BFP181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR35APNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA 1 2 3 Siemens Semiconductor Group
BFP181RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP181WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP93ANPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR181NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 0.5 mA to 12mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn