Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3380AEQGBLANK Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82V3380AEQGBLANK
Description  SYNCHRONOUS ETHERNET IDT WAN PLL?
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3380AEQGBLANK Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82V3380AEQGBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 11Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 12Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 13Page - Integrated Device Technology IDT82V3380AEQGBLANK Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 177 page
background image
IDT82V3380A
SYNCHRONOUS ETHERNET IDT WAN PLL™
Description
10
May 16, 2011
DESCRIPTION
The IDT82V3380A is an integrated, single-chip solution for the Syn-
chronous Equipment Timing Source for Stratum 2, 3E, 3, SMC, 4E and 4
clocks in SONET / SDH equipments, DWDM and Wireless base station,
such as GSM, 3G, DSL concentrator, Router and Access Network appli-
cations.
The device supports three types of input clock sources: recovered
clock from STM-N or OC-n, PDH network synchronization timing and
external synchronization reference timing.
Based on ITU-T G.783 and Telcordia GR-253-CORE, the device con-
sists of T0 and T4 paths. The T0 path is a high quality and highly config-
urable path to provide system clock for node timing synchronization
within a SONET / SDH network. The T4 path is simpler and less configu-
rable for equipment synchronization. The T4 path locks independently
from the T0 path or locks to the T0 path.
An input clock is automatically or manually selected for T0 and T4
each for DPLL locking. Both the T0 and T4 paths support three primary
operating modes: Free-Run, Locked and Holdover. In Free-Run mode,
the DPLL refers to the master clock. In Locked mode, the DPLL locks to
the selected input clock. In Holdover mode, the DPLL resorts to the fre-
quency data acquired in Locked mode. Whatever the operating mode is,
the DPLL gives a stable performance without being affected by operat-
ing conditions or silicon process variations.
If the DPLL outputs are processed by T0/T4 APLL, the outputs of the
device will be in a better jitter/wander performance.
The device provides programmable DPLL bandwidths: 0.5 mHz to
560 Hz in 19 steps and damping factors: 1.2 to 20 in 5 steps. Different
settings cover all SONET / SDH clock synchronization requirements.
A high stable input is required for the master clock in different appli-
cations. The master clock is used as a reference clock for all the internal
circuits in the device. It can be calibrated within ±741 ppm.
All the read/write registers are accessed through a microprocessor
interface. The device supports five microprocessor interface modes:
EPROM, Multiplexed, Intel, Motorola and Serial.
In general, the device can be used in Master/Slave application. In
this application, two devices should be used together to enable system
protection against single chip failure. See Chapter 4 Typical Application
for details.


Similar Part No. - IDT82V3380AEQGBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
More results

Similar Description - IDT82V3380AEQGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3390 RENESAS-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
IDT82V3389 RENESAS-IDT82V3389 Datasheet
2Mb / 157P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
June 13, 2012
logo
Integrated Device Techn...
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com