Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3380A Datasheet(PDF) 78 Page - Integrated Device Technology

Part # IDT82V3380A
Description  SYNCHRONOUS ETHERNET IDT WAN PLL?
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3380A Datasheet(HTML) 78 Page - Integrated Device Technology

Back Button IDT82V3380A Datasheet HTML 74Page - Integrated Device Technology IDT82V3380A Datasheet HTML 75Page - Integrated Device Technology IDT82V3380A Datasheet HTML 76Page - Integrated Device Technology IDT82V3380A Datasheet HTML 77Page - Integrated Device Technology IDT82V3380A Datasheet HTML 78Page - Integrated Device Technology IDT82V3380A Datasheet HTML 79Page - Integrated Device Technology IDT82V3380A Datasheet HTML 80Page - Integrated Device Technology IDT82V3380A Datasheet HTML 81Page - Integrated Device Technology IDT82V3380A Datasheet HTML 82Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 177 page
background image
IDT82V3380A
SYNCHRONOUS ETHERNET WAN PLL™
Programming Information
78
May 16, 2011
INTERRUPTS2_STS - Interrupt Status 2
Address: 0EH
Type: Read / Write
Default Value: 00111111
Bit
Name
Description
7
T0_OPERATING_MODE
This bit indicates the operating mode switch for T0 DPLL; i.e., whether the value in the
T0_DPLL_OPERATING_MODE[2:0] bits (b2~0, 52H) changes.
0: Has not switched. (default)
1: Has switched.
This bit is cleared by writing a ‘1’.
6
T0_MAIN_REF_FAILED
This bit indicates whether the T0 selected input clock has failed. The T0 selected input clock fails when its validity
changes from ‘valid’ to ‘invalid’; i.e., when there is a transition from ‘1’ to ‘0’ on the corresponding INn bit (4AH, 4BH).
0: Has not failed. (default)
1: Has failed.
This bit is cleared by writing a ‘1’.
5 - 0
INn
This bit indicates the validity changes (from ‘valid’ to ‘invalid’ or from ‘invalid’ to ‘valid’) for the corresponding INn for T0
path, i.e., whether there is a transition (from ‘0’ to ‘1’ or from ‘1’ to ‘0’) on the corresponding INn bit (b5~0, 4BH). Here n
is any one of 14 to 9.
0: Has not changed.
1: Has changed. (default)
This bit is cleared by writing a ‘1’.
7
6
54321
0
T0_OPERATING
_MODE
T0_MAIN_REF_F
AILED
IN14
IN13
IN12
IN11
IN10
IN9


Similar Part No. - IDT82V3380A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
More results

Similar Description - IDT82V3380A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3390 RENESAS-IDT82V3390 Datasheet
1Mb / 182P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
July 14, 2011
IDT82V3380A RENESAS-IDT82V3380A Datasheet
2Mb / 178P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
May 16, 2011
IDT82V3389 RENESAS-IDT82V3389 Datasheet
2Mb / 157P
   SYNCHRONOUS ETHERNET IDT WAN PLL™
June 13, 2012
logo
Integrated Device Techn...
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
   SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
   SYNCHRONOUS ETHERNET WAN PLL
logo
Renesas Technology Corp
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
   SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
logo
Integrated Device Techn...
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
   SYNCHRONOUS ETHERNET WAN PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com