Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9LRS3187B Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9LRS3187B
Description  PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LRS3187B Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9LRS3187B Datasheet HTML 1Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 2Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 3Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 4Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 5Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 6Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 7Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 8Page - Integrated Device Technology ICS9LRS3187B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
IDT® Programmable Timing Control Hub for Intel Based Systems
1602F—11/04/11
ICS9LRS3187B
Programmable Timing Control Hub for Intel Based Systems
3
Datasheet
Functional Block Diagram
General Description
The ICS9LRS3187B is a CK505 clock synthesizer.The ICS9LRS3187B provides a single-chip solution for Intel based systems.
The ICS9LRS3187B is driven with a 14.318MHz crystal.
SS PLL
Non-SS
PLL
CPUCLK(1:0)
14.318M
Xtal
SRC(1)
27MHz_SS
DOT96MHz
REFCLK
SATA_nonSS
CPUCLK
SATA
0
1
SRC
B0b1
27MHz nonSS
SS PLL
PLL
Table: Power Distribution
Ground
VDD_IO VDD 3.3V
Output
2
1DOT96
8
5
27M
915
17
SATA
12
15
17
SRC
21
18
24
CPU
26
29
REF


Similar Part No. - ICS9LRS3187B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
More results

Similar Description - ICS9LRS3187B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
ICS932S401 RENESAS-ICS932S401 Datasheet
389Kb / 24P
   Programmable Timing Control Hub for Intel-based Servers
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Integrated Circuit Syst...
ICS954101 ICST-ICS954101 Datasheet
132Kb / 16P
   Programmable Timing Control Hub for Desktop P4 Systems
ICS954201 ICST-ICS954201 Datasheet
157Kb / 10P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Integrated Device Techn...
ICS954201BGLF IDT-ICS954201BGLF Datasheet
132Kb / 16P
   Programmable Timing Control Hub??for Mobile P4??Systems
logo
Renesas Technology Corp
9LRS4206 RENESAS-9LRS4206 Datasheet
415Kb / 17P
   LOW POWER PROGRAMMABLE TIMING CONTROL HUBTM FOR INTEL SYSTEMS
2019
ICS954309 RENESAS-ICS954309 Datasheet
419Kb / 19P
   Programmable Timing Control Hub™ for Mobile P4™ Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com