Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFT92 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. BFT92
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFT92 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
Dec-13-1996
BFT 92
SPICE Parameters (Gummel-Poon Model, Berkeley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
4.5354
fA
VAF =
10.983
V
NE =
1.1172
-
VAR =
47.577
V
NC =
1.206
-
RBM =
1.5939
CJE =
1.7785
fF
TF =
32.171
ps
ITF =
0.013277
mA
VJC =
1.2
V
TR =
2.0779
ns
MJS =
0-
XTI =
3-
BF =
98.533
-
IKF =
0.016123
A
BR =
10.297
-
IKR =
0.019729
A
RB =
7.9562
RE =
1.5119
VJE =
0.79082
V
XTF =
0.30227
-
PTF =
0
deg
MJC =
0.3
-
CJS =
0
fF
XTB =
0
-
FC =
0.75167
-
NF =
0.90551
-
ISE =
12.196
fA
NR =
1.2703
-
ISC =
0.024709
fA
IRB =
0.79584
mA
RC =
0.66749
MJE =
0.32167
-
VTF =
0.21451
V
CJC =
922.07
fF
XCJC =
0.3
-
VJS =
0.75
V
EG =
1.11
eV
TNOM
300
K
All parameters are ready to use, no scalling is necessary.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitenfunktechnik (IMST)
© 1996 SIEMENS AG
Package Equivalent Circuit:
LBI =
0.85
nH
LBO =
0.51
nH
LEI =
0.69
nH
LEO =
0.61
nH
LCI =
0nH
LCO =
0.49
nH
CBE =
fF
CCB =
84
fF
CCE =
165
fF
Valid up to 6 GHz
For examples and ready to use parameters please contact your local Siemens distributor or sales office to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFT92WPNP Silicon RF Transistor For broadband amplifiers up to 2GHz at collector currents up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR35APNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA 1 2 3 Siemens Semiconductor Group
BFS17WNPN Silicon RF Transistor For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA 1 2 3 4 5 Siemens Semiconductor Group
BFQ75PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA. 1 2 3 Siemens Semiconductor Group
BFQ76PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents up to 20 mA. 1 2 3 4 Siemens Semiconductor Group
BFP194PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92WNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn