Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BFT92 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BFT92
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BFT92 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Semiconductor Group
1
Dec-13-1996
BFT 92
PNP Silicon RF Transistor
• For broadband amplifiers up to 2GHz
at collector currents up to 20mA
• Complementary type: BFR 92P (NPN)
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFT 92
W1s
Q62702-F1062
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
15
V
Collector-base voltage
VCBO
20
Emitter-base voltage
VEBO
2
Collector current
IC
25
mA
Base current
IB
3
Total power dissipation
TS ≤ 78 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
- 65 ... + 150
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 360
K/W
1)
TS is measured on the collector lead at the soldering point to the pcb.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFT92WPNP Silicon RF Transistor For broadband amplifiers up to 2GHz at collector currents up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFT93PNP Silicon RF Transistor For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR35APNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA 1 2 3 Siemens Semiconductor Group
BFS17WNPN Silicon RF Transistor For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA 1 2 3 4 5 Siemens Semiconductor Group
BFQ75PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA. 1 2 3 Siemens Semiconductor Group
BFQ76PNP Silicon RF Transistor For broadband amplifiers up to 2 GHz at collector currents up to 20 mA. 1 2 3 4 Siemens Semiconductor Group
BFP194PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR92WNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn