Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFT92 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # BFT92
Description  PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFT92 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  BFT92 Datasheet HTML 1Page - Siemens Semiconductor Group BFT92 Datasheet HTML 2Page - Siemens Semiconductor Group BFT92 Datasheet HTML 3Page - Siemens Semiconductor Group BFT92 Datasheet HTML 4Page - Siemens Semiconductor Group BFT92 Datasheet HTML 5Page - Siemens Semiconductor Group BFT92 Datasheet HTML 6Page - Siemens Semiconductor Group BFT92 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Semiconductor Group
6
Dec-13-1996
BFT 92
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
V
22
V
R
0.0
0.2
0.4
0.6
0.8
1.0
1.2
pF
1.6
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
mA
30
I
C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
GHz
6.0
f
T
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 0.9GHz
VCE = Parameter
0
5
10
15
20
mA
30
I
C
0
2
4
6
8
10
12
dB
16
G
10V
8V
5V
3V
2V
1V
0.7V
Power Gain
Gma, Gms = f(IC)
f = 1.8GHz
VCE = Parameter
0
5
10
15
20
mA
30
I
C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
dB
8.5
G
10V
5V
3V
2V
1V
0.7V


Similar Part No. - BFT92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT92 PHILIPS-BFT92 Datasheet
47Kb / 8P
   PNP 5 GHz wideband transistor
November 1992
logo
Infineon Technologies A...
BFT92 INFINEON-BFT92 Datasheet
79Kb / 7P
   PNP Silicon RF Transistor
Jul-16-2001
logo
NXP Semiconductors
BFT92 NXP-BFT92 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFT92W PHILIPS-BFT92W Datasheet
91Kb / 12P
   PNP 4 GHz wideband transistor
May 1994
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
More results

Similar Description - BFT92

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFS17S SIEMENS-BFS17S Datasheet
55Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFR35AP SIEMENS-BFR35AP Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA)
BFS17P SIEMENS-BFS17P Datasheet
48Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFS17W SIEMENS-BFS17W Datasheet
34Kb / 5P
   NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
BFT93 SIEMENS-BFT93 Datasheet
58Kb / 7P
   PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA)
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
BFQ75 SIEMENS-BFQ75 Datasheet
32Kb / 3P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents from 5 mA to 30 mA.)
BFP93A SIEMENS-BFP93A Datasheet
60Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
BFR93AW SIEMENS-BFR93AW Datasheet
57Kb / 7P
   NPN Silicon RF Transistor (For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 5 mA to 30 mA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com