Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LPR501YGLFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9LPR501YGLFT
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPR501YGLFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9LPR501YGLFT Datasheet HTML 6Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 7Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 8Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 9Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 10Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 11Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 12Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 13Page - Integrated Device Technology 9LPR501YGLFT Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118M—11/24/09
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
10
Datasheet
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
11
1
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Table 1: CPU Frequency Select Table
96.00
Reserved
100.00
33.33
14.318
48.00
Pin 17
Pin 18
Spread
MHz
MHz
%
00
0
0
0
0
0
1
100.00
100.00
0.5% Down Spread
SRCCLK1 from SRC_MAIN
0
0
1
0
100.00
100.00
0.5% Down Spread
Only SRCCLK1 from PLL3
0
0
1
1
100.00
100.00
1% Down Spread
Only SRCCLK1 from PLL3
0
1
0
0
100.00
100.00
1.5% Down Spread
Only SRCCLK1 from PLL3
0
1
0
1
100.00
100.00
2% Down Spread
Only SRCCLK1 from PLL3
0
1
1
0
100.00
100.00
2.5% Down Spread
Only SRCCLK1 from PLL3
01
1
1
N/A
N/A
N/A
N/A
1
0
0
0
24.576
24.576
None
24.576Mhz on SE1 and SE2
1
0
0
1
24.576
98.304
None
24.576Mhz on SE1, 98.304Mhz on SE2
1
0
1
0
98.304
98.304
None
98.304Mhz on SE1 and SE2
1
0
1
1
27.000
27.000
None
27Mhz on SE1 and SE2
1
1
0
0
25.000
25.000
None
25Mhz on SE1 and SE2
11
0
1
N/A
N/A
N/A
N/A
11
1
0
N/A
N/A
N/A
N/A
11
1
1
N/A
N/A
N/A
N/A
Comment
PLL 3 disabled
B1b1
B1b4
B1b3
B1b2
Table 2: PLL3 Quick Configuration
Electrical Characteristics - SE1/2=25MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS NOTES
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
1,2
Clock period
T
period
25.00MHz output nominal
39.99600
40.00400
ns
1
Absolute min/max period
T
abs
25.00MHz output nominal
39.32360
40.67640
ns
1
Output High Voltage
V
OH
I
OH = -1 mA
2.4
V
1
Output Low Voltage
V
OL
I
OL = 1 mA
0.4
V
1
V
OH @MIN = 1.0 V
-29
mA
1
V
OH@MAX = 3.135 V
-23
mA
1
V
OL @ MIN = 1.95 V
29
mA
1
V
OL @ MAX = 0.4 V
27
mA
1
Rising Edge Slew Rate
t
SLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
t
FLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
d
t1
V
T = 1.5 V
45
55
%
1
Jitter, Cycle to cycle
t
jcyc-cyc
V
T = 1.5 V
500
ps
1
Jitter, Long Term
t
LTJ
V
T = 1.5 V @ 10us delay
3000
ps
1
Output High Current
I
OH
Output Low Current
I
OL


Similar Part No. - 9LPR501YGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPR501 RENESAS-9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
9LPR501SGLF RENESAS-9LPR501SGLF Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
9LPR501SGLFT RENESAS-9LPR501SGLFT Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
More results

Similar Description - 9LPR501YGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
   64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
   64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPRS501 RENESAS-ICS9LPRS501 Datasheet
386Kb / 28P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
logo
Integrated Device Techn...
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
logo
Renesas Technology Corp
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS365 RENESAS-ICS9LPRS365 Datasheet
897Kb / 29P
   64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com