Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9ERS3165BKILF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9ERS3165BKILF
Description  Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9ERS3165BKILF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9ERS3165BKILF Datasheet HTML 6Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 7Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 8Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 9Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 10Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 11Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 12Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 13Page - Integrated Device Technology 9ERS3165BKILF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
IDT® Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
1613C—02/08/12
ICS9ERS3165
Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
10
Absolute Maximum Ratings
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Maximum Supply Voltage
VDDxxx
Supply Voltage
4.6
V
1,7
Maximum Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
3.8
V
1,7
Maximum Input Voltage
V
IH
3.3V LVCMOS Inputs
4.6
V
1,7,8
Minimum Input Voltage
V
IL
Any Input
GND - 0.5
V
1,7
Storage Temperature
Ts
-
-65
150
°C
1,7
Case Temperature
Tcase
115
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1,7
Electrical Characteristics - Input/Supply/Common Output Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYPICAL
MAX
UNITS
Notes
Ambient Operating Temp
Tambient
-
-40
85
°C
1
Supply Voltage
VDDxxx
Supply Voltage
3.135
3.465
V
1
Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
1
3.465
V
1
Input High Voltage
V
IHSE
Single-ended inputs
2
V
DD + 0.3
V
1
Input Low Voltage
V
ILSE
Single-ended inputs
V
SS - 0.3
0.8
V
1
Input Leakage Current
I
IN
V
IN = VDD , VIN = GND
-5
5
uA
1
Input Leakage Current
I
INRES
Inputs with pull or pull down
resistors
V
IN = VDD , VIN = GND
-200
200
uA
1
Output High Voltage
V
OHSE
Single-ended outputs, I
OH = -1mA
2.4
V
1
Output Low Voltage
V
OLSE
Single-ended outputs, I
OL = 1 mA
0.4
V
1
Output High Voltage
V
OHDIF
Differential Outputs
0.7
0.9
V
1
Output Low Voltage
V
OLDIF
Differential Outputs
0.4
V
1
Low Threshold Input-
High Voltage (Test Mode)
V
IH_FS_TEST
3.3 V +/-5%
2
V
DD + 0.3
V
1
Low Threshold Input-
High Voltage
V
IH_FS
3.3 V +/-5%
0.7
1.5
V
1
Low Threshold Input-
Low Voltage
V
IL_FS
3.3 V +/-5%
V
SS - 0.3
0.35
V
1
I
DD_DEFAULT
3.3V supply, PLL1,2 off
95
125
mA
1
I
DD_PLL3DIF
3.3V supply, PLL1,2 Differential Out
106
125
mA
1
I
DD_PLL3SE
3.3V supply, PLL1,2 Single-ended
Out
101
125
mA
1
I
DD_IO
0.8V supply, Differential IO current,
all outputs enabled
25
32
50
mA
1
I
DD_PD3.3
3.3V supply, Power Down Mode
26
30
mA
1
I
DD_PDIO
0.8V IO supply, Power Down Mode
0.23
0.5
mA
1
I
DD_iAMT3.3
3.3V supply, iAMT Mode
47
60
mA
1
I
DD_iAMT0.8
0.8V IO supply, iAMTMode
5
10
mA
1
Input Frequency
F
i
V
DD = 3.3 V
14.318
MHz
2
Pin Inductance
L
pin
7
nH
1
C
IN
Logic Inputs
1.5
5
pF
1
C
OUT
Output pin capacitance
6
pF
1
C
INX
X1 & X2 pins
5
pF
1
Spread Spectrum Modulation
Frequency
f
SSMOD
Triangular Modulation
30
33
kHz
1
Operating Supply Current
Power Down Current
iAMT Mode Current
Input Capacitance


Similar Part No. - 9ERS3165BKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9ERS3165BKILF RENESAS-9ERS3165BKILF Datasheet
627Kb / 28P
   Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
2019
9ERS3165BKILFT RENESAS-9ERS3165BKILFT Datasheet
627Kb / 28P
   Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
2019
More results

Similar Description - 9ERS3165BKILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9ERS3165 RENESAS-ICS9ERS3165 Datasheet
627Kb / 28P
   Embedded 64-Pin Industrial Temperature Range CK505 Compatible Clock
2019
9LRS3165BI RENESAS-9LRS3165BI Datasheet
619Kb / 29P
   64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
logo
Integrated Device Techn...
ICS9ERS3125 IDT-ICS9ERS3125 Datasheet
284Kb / 22P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
logo
Renesas Technology Corp
9ERS3125 RENESAS-9ERS3125 Datasheet
422Kb / 23P
   Embedded 56-pin Industrial Temperature Range CK505 Compatible Clock
08/19/09
9LRS3165B RENESAS-9LRS3165B Datasheet
453Kb / 29P
   64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor
01/06/15
ICS9LP505-1 RENESAS-ICS9LP505-1 Datasheet
346Kb / 21P
   64-pin CK505 for Desktop Systems
2019
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
   56-pin CK505 for Embedded Intel Systems
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
   64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com