Electronic Components Datasheet Search |
|
9EMS9633BFILF Datasheet(PDF) 9 Page - Integrated Device Technology |
|
9EMS9633BFILF Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 22 page IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications 1617—08/19/09 ICS9EMS9633 ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS 9 Datasheet AC Electrical Characteristics - Input/Common Parameters PARAMETER SYMBOL CONDITIONS MIN MAX UNITS Notes Clk Stabilization T STAB From VDD Power-Up or de- assertion of PD# to 1st clock 1.8 ms 1 Tdrive_SRC T DRSRC SRC output enable after CR# assertion 15 ns 1 Tdrive_PD# T DRPD Differential output enable after PD# de-assertion 300 us 1 Tdrive_CPU T DRSRC CPU output enable after CPU_STOP# de-assertion 10 ns 1 Tfall_PD# T FALL 5ns 1 Trise_PD# T RISE 5ns 1 Fall/rise time of PD# and CPU_STOP# inputs AC Electrical Characteristics - Low Power Differential Outputs PARAMETER SYMBOL CONDITIONS MIN MAX UNITS NOTES Rising Edge Slew Rate t SLR Differential Measurement 0.5 6 V/ns 1,2 Falling Edge Slew Rate t FLR Differential Measurement 0.5 6 V/ns 1,2 Rise/Fall Time Variation t SLVAR Single-ended Measurement 125 ps 1 Maximum Output Voltage V HIGH Includes overshoot 1150 mV 1 Minimum Output Voltage V LOW Includes undershoot -300 mV 1 Differential Voltage Swing V SWING Differential Measurement 300 mV 1 Crossing Point Voltage V XABS Single-ended Measurement 300 550 mV 1,3,4 Crossing Point Variation V XABSVAR Single-ended Measurement 140 mV 1,3,5 Duty Cycle D CYC Differential Measurement 45 55 % 1 CPU Jitter - Cycle to Cycle CPUJ C2C Differential Measurement 85 ps 1 SRC Jitter - Cycle to Cycle SRCJ C2C Differential Measurement 125 ps 1 DOT Jitter - Cycle to Cycle DOTJ C2C Differential Measurement 250 ps 1 CPU[2:0] Skew CPU SKEW10 Differential Measurement 100 ps 1 SRC[2:0] Skew SRC SKEW Differential Measurement 250 ps 1 Electrical Characteristics - REF-14.318MHz PARAMETER SYMBOL CONDITIONS MIN MAX UNITS Notes Long Accuracy ppm see Tperiod min-max values -300 300 ppm 1,2 Clock period T period 14.318MHz output nominal 69.8203 69.8622 ns 2 Absolute min/max period T abs 14.318MHz output nominal 69.8203 70.86224 ns 2 Output High Voltage V OH I OH = -1 mA 2.4 V 1 Output Low Voltage V OL I OL = 1 mA 0.4 V 1 Output High Current I OH V OH @MIN = 1.0 V, V OH@MAX = 3.135 V -33 -33 mA 1 Output Low Current I OL V OL @MIN = 1.95 V, V OL @MAX = 0.4 V 30 38 mA 1 Rising Edge Slew Rate t SLR Measured from 0.8 to 2.0 V 1 4 V/ns 1 Falling Edge Slew Rate t FLR Measured from 2.0 to 0.8 V 1 4 V/ns 1 Duty Cycle d t1 V T = 1.5 V 45 55 % 1 Jitter t jcyc-cyc V T = 1.5 V 1000 ps 1 |
Similar Part No. - 9EMS9633BFILF |
|
Similar Description - 9EMS9633BFILF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |