Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LPRS436CGILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9LPRS436CGILF
Description  Low Power Clock for Intel Atom짰-Based Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPRS436CGILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9LPRS436CGILF Datasheet HTML 4Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 5Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 6Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 7Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 8Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 9Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 10Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 11Page - Integrated Device Technology 9LPRS436CGILF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
8
Electrical Characteristics - Absolute Maximum Ratings
PARAMETER
SYMBOL
C OND ITIONS
MIN
TYP
MAX
UNITS NOTES
3.3V Core Supply Voltage
VDDA
4.6
V
1,2
3.3V Logic Supply Voltage
VDD
4.6
V
1,2
Input Low Voltage
VIL
GND-0 .5
V
1
Input High Voltage
VIH
Except for SMBus interface
VDD+0.5V
V
1
Input High Voltage
V
IHSMB
SMBus clock and da ta pins
5.5V
V
1
Storage Temperature
Ts
-65
150
°C1
C ase Temperature
Tcase
115
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
Electrical Characteristics - Input/Supply/Common Output DC Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
T
amb C
Standard Device
0
85
°C
Tam bI
Industrial Temperature R ange Device
-40
85
°C
Supply VoltageVDDxxx
Supply Voltage
3.135
3.465
V
Input High Voltage
VIHSE
Single-ended 3.3V inputs
2
VDD + 0.3
V
7
Input Low Voltage
VILSE
Single-ended 3.3V inputs
VSS - 0.3
0.8
V
7
FS(4:3) Input High Voltage
V
IH_F S4
Single-ended 3.3V FS(4:3) Inputs
2
VDD + 0.3
V
FS(4:3) Input Low Voltage
V
IL_ FS4
Single-ended 3.3V FS(4:3) Inputs
V
SS - 0.3
0.8
V
Low Threshold Input-
High Voltage
VIH_FS
3.3 V +/-5%
0.7
VDD+0.3
V
Low Threshold Input-
Low Voltage
VIL_FS
3.3 V +/-5%
VSS - 0.3
0.35
V
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
6
Input Leakage Current
I
INRES
Inputs with pull up or pull down resistors
VIN = VDD , VIN = GND
-200
200
uA
Output High Voltage
VOHSE
Single-ended outputs, IOH = -1mA
2.4
V
5
Output Low Voltage
VOLSE
Single-ended outputs, IOL = 1 mA
0.4
V
5
I
DDVD D3.3
Full Active, C
L = Full load ; IDD 3 .3V
106
115
mA
IDDVDDSUSP3 .3
Full Active, CL = Full load; IDD 3.3V
12
15
mA
I
D DPD VDD3 .3
3.3V Main Rail
0
mA
IDDPDSUSP3.3w
VDD_SUSP Rail. 25MHz Running (WOL)
12
15
mA
I
DD PDSU SP3.3
VDD_SUSP Rail. 25MHz Off
3
4
mA
Input Frequency
F
i
V
DD = 3. 3 V
27
MHz
8
Pin Inductance
Lpin
7nH
C
IN
Logic Inputs
1.5
5
pF
COUT
Output pin capacitance
6
pF
C
IN X
X1 & X2 pins
6
pF
SMBus Voltage
V
DD
2.7
5.5
V
Low-level Output Voltage
VOLSMB
@ IPUL LUP
0.4
V
Current sinking at
VOLSM B = 0.4 V
I
PULLU P
SMB Data Pin
4
mA
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
SCLK/SDATA
Clock/D ata Fall Time
TFI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
Maximum SMBus Operating Frequency
FSMBUS
100
kH z
Spread Spectrum Modulation Frequency
f
SSM OD
Triangular Modulation
30
32.5
33
kH z
1 Operation at these points is not recommended
4 Operation under these conditions is nei ther implied, nor guaranteed.
5S ignal is required to be monotonic in this region.
6 Input leakage current does not include inputs with pull-up or pull-down resistors
Ambient Operating Temp
Operating Supply Current
Powerdown Current
Input Capacitance
NOTES on DC Parameters: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
2 Maximum VIH is not to exceed VDD
3 Human Body Model
8 For margining purposes only. Normal operation should have Fin = 25MHz +/-50ppm
7 3.3V referenced inputs are: PCI&P CIEX_STOP #, CPU_STOP#, ITP_EN, SCLK, SDATA, VTT_PWR_GD/PD#, SEL12_48# and PEREQ# inputs if selected.


Similar Part No. - 9LPRS436CGILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS436CGILF RENESAS-9LPRS436CGILF Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
9LPRS436CGILFT RENESAS-9LPRS436CGILFT Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
More results

Similar Description - 9LPRS436CGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
   Low Power Clock for Intel Atom짰-Based Systems
logo
Renesas Technology Corp
9LPRS436C RENESAS-9LPRS436C Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
logo
Adlink Technology Inc.
SP-AL ADLINK-SP-AL Datasheet
408Kb / 2P
   Intel Atom짰 Processor-based Fanless Panel Computer
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
   System Clock for Embedded AMDTM based Systems
08/20/09
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com