Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EPRS525AGLF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 9EPRS525AGLF
Description  56-pin CK505 for Embedded Intel Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9EPRS525AGLF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 9EPRS525AGLF Datasheet HTML 5Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 6Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 7Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 8Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 9Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 10Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 11Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 12Page - Integrated Device Technology 9EPRS525AGLF Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDTTM
56-pin CK505 for Embedded Intel Systems
1614B—01/21/10
ICS9EPRS525
9
56-pin CK505 for Embedded Systems
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
2, 4
Clock period
Tperiod
14.318MHz output nominal
69.82033
69.86224
ns
2, 3
Absolute min/max period
Tabs
14.318MHz output nominal
69.83400
70.84800
ns
2
CLK High Time
THIGH
29.97543
38.46654
V
CLK Low time
TLOW
29.57543
38.26654
V
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
30
38
mA
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
1000
ps
2
1Edge rate in system is measured from 0.8V to 2.0V.
2 Duty cycle, Peroid and Jitter are measured with respect to 1.5V
3 The average period over any 1us period of time
4 Using frequency counter with the measurment interval equal or greater that 0.15s, target frequencies are 14.318180 MHz, 33.333333MHz and 48.000000MHz
NOTES on SE outputs: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).


Similar Part No. - 9EPRS525AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EPRS525AGLF RENESAS-9EPRS525AGLF Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
9EPRS525AGLFT RENESAS-9EPRS525AGLFT Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
More results

Similar Description - 9EPRS525AGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
   56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
   56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
   56-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
   56-pin CK505 for Intel Desktop Systems
logo
Renesas Technology Corp
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
   56-pin CK505 for Intel Desktop Systems
2019
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
   48-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
   32-pin CK505 for Intel Systems
01/06/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com