Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BKILFT Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 9EMS9633BKILFT
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9EMS9633BKILFT Datasheet(HTML) 3 Page - Integrated Device Technology

  9EMS9633BKILFT Datasheet HTML 1Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 2Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 3Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 4Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 5Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 6Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 7Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 8Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
3
Datasheet
SSOP Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
25
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
26
SRCC1_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
27
SRCT1_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
28
GNDSRC
PWR Ground pin for the SRC outputs
29
SRCC2_LPR
OUT
Complementary clock of differential 0.8V push-pull SRC output with integrated 33ohm
series resistor. No 50ohm resistor to GND needed.
30
SRCT2_LPR
OUT
True clock of differential 0.8V push-pull SRC output with integrated 33ohm series
resistor. No 50ohm resistor to GND needed.
31
*CR#2
IN
Clock request for SRC2, 0 = enable, 1 = disable
32
FSB_L
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values.
33
CPUC2_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
34
CPUT2_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.
35
GNDCPU
PWR Ground pin for the CPU outputs
36
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
37
VDDCORE_3.3
PWR 3.3V power for the PLL core
38
CPUC1_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
39
CPUT1_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.
40
GNDCPU
PWR Ground pin for the CPU outputs
41
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
42
CPUC0_LPR
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs with integrated
33ohm series resistor. No 50 ohm resistor to GND needed.
43
CPUT0_LPR
OUT
True clock of differential pair 0.8V push-pull CPU outputs with integrated 33ohm
series resistor. No 50 ohm resistor to GND needed.
44
CPU_STOP#
IN
Stops all CPU clocks, except those set to be free running clocks
45
CLKPWRGD#/PD_3.3
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active low input. / Asynchronous
active high input pin used to place the device into a power down state.
46
X2
OUT
Crystal output, Nominally 14.318MHz
47
X1
IN
Crystal input, Nominally 14.318MHz.
48
VDDREF_3.3
PWR Power pin for the XTAL and REF clocks, nominal 3.3V


Similar Part No. - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EMS9633BKILFT RENESAS-9EMS9633BKILFT Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results

Similar Description - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com