Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9UMS9001AKLF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9UMS9001AKLF
Description  PC MAIN CLOCK - CK540
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9UMS9001AKLF Datasheet(HTML) 5 Page - Integrated Device Technology

  9UMS9001AKLF Datasheet HTML 1Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 2Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 3Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 4Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 5Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 6Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 7Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 8Page - Integrated Device Technology 9UMS9001AKLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IDT® PC MAIN CLOCK - CK540
1247B—07/19/10
Advance Information
9UMS9001
PC MAIN CLOCK - CK540
5
Table 1: CPU Frequency Select Table
FSLC
1
B0b7
FSLB
1
B0b6
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
133.33
01
Reserved
1
0
100.00
1
1
200.00
1. FS
LC is a low-threshold input.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
100.00
100.00
33.33
33.33
14.318
48.00
96.00
14.318
48.00
96.00
Table 3: IO_Vout select table
B5b2
B5b1
B5b0
IO_Vout
00
0
0.3V
00
1
0.4V
01
0
0.5V
01
1
0.6V
10
0
0.7V
10
1
0.8V
11
0
0.9V
11
1
1.0V
Table 2: LCD Quick Configuration
Pin 24/25
Spread
MHz
%
0
0
0
0
100.00
0.25% Down Spread
LCDCLK
0
0
0
1
100.00
0.5% Down Spread
LCDCLK
0
0
1
0
100.00
1% Down Spread
LCDCLK
0
0
1
1
100.00
1.25% Down Spread
LCDCLK
0
1
0
0
100.00
1.5% Down Spread
LCDCLK
0
1
0
1
100.00
2% Down Spread
LCDCLK
0
1
1
0
100.00
2.5% Down Spread
LCDCLK
0
1
1
1
100.00
3.0% Down Spread
LCDCLK
1
0
0
0
100.00
0.25% Center Spread
LCDCLK
1
0
0
1
100.00
0.5% Center Spread
LCDCLK
1
0
1
0
100.00
1% Center Spread
LCDCLK
1
0
1
1
100.00
1.25% Center Spread
LCDCLK
1
1
0
0
100.00
1.5% Center Spread
LCDCLK
1
1
0
1
100.00
2% Center Spread
LCDCLK
1
1
1
0
100.00
2.5% Center Spread
LCDCLK
1
1
1
1
100.00
3.0% Center Spread
LCDCLK
B1b3
B1b2
B1b1
Comment
B1b0


Similar Part No. - 9UMS9001AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001AKLF RENESAS-9UMS9001AKLF Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
9UMS9001AKLFT RENESAS-9UMS9001AKLFT Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
More results

Similar Description - 9UMS9001AKLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9UMS9001 RENESAS-9UMS9001 Datasheet
254Kb / 16P
   PC MAIN CLOCK - CK540
06/16/11
logo
Integrated Device Techn...
ICS954148AFLF IDT-ICS954148AFLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS9UMS9610CKLFT IDT-ICS9UMS9610CKLFT Datasheet
141Kb / 20P
   PC MAIN CLOCK
ICS9UMS9610 IDT-ICS9UMS9610 Datasheet
139Kb / 20P
   PC MAIN CLOCK
ICS9LP505-1HGLF IDT-ICS9LP505-1HGLF Datasheet
57Kb / 1P
   PC MAIN CLOCK
ICS952911BF IDT-ICS952911BF Datasheet
55Kb / 1P
   PC MAIN CLOCK
9LP505-2HFLF IDT-9LP505-2HFLF Datasheet
115Kb / 1P
   PC MAIN CLOCK CK505 clock, 56-pin Intel Yellow Cover part
logo
Winbond
W83194BR-PT WINBOND-W83194BR-PT Datasheet
716Kb / 24P
   STEPLESS VIA PT MAIN CLOCK GENERATOR
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com