Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LPRS436CKLFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 9LPRS436CKLFT
Description  Low Power Clock for Intel Atom짰-Based Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9LPRS436CKLFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 9LPRS436CKLFT Datasheet HTML 2Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 3Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 4Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 5Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 6Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 7Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 8Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 9Page - Integrated Device Technology 9LPRS436CKLFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IDT®
Low Power Clock for Intel Atom®-Based Systems
1561C — 08/24/11
9LPRS436C
Low Power Clock for Intel Atom
®-Based Systems
6
Table 1: CPU/SRC/PCI PLL Spread Frequency Selection Table for 9LPRS436C
FS4
(B0b4)
FS3
(B0b3)
FSLC
(B0b2)
FSLB
(B0b1)
FSLA
(B0b0)
CPU
MHz
SRC
PCI
SATA
0
0
0
0
0
0
100.00 100.00
33.33
Follows SRC
1
0
0
0
0
1
100.00 100.00
33.33
Follows SRC
2
0
0
0
1
0
83.33
100.00
33.33
Follows SRC
3
0
0
0
1
1
83.33
100.00
33.33
Follows SRC
4
0
0
1
0
0
133.33 100.00
33.33
Follows SRC
5
0
0
1
0
1
133.33 100.00
33.33
Follows SRC
6
0
0
1
1
0
166.67 100.00
33.33
Follows SRC
7
00
1
1
1
166.67 100.00
33.33
Follows SRC
8
0
1
0
0
0
100.00 100.00
33.33 100MHz Non-Spread
9
0
1
0
0
1
100.00 100.00
33.33 100MHz Non-Spread
10
0
1
0
1
0
83.33
100.00
33.33 100MHz Non-Spread
11
0
1
0
1
1
83.33
100.00
33.33 100MHz Non-Spread
12
0
1
1
0
0
133.33 100.00
33.33 100MHz Non-Spread
13
0
1
1
0
1
133.33 100.00
33.33 100MHz Non-Spread
14
0
1
1
1
0
166.67 100.00
33.33 100MHz Non-Spread
15
01
1
1
1
166.67 100.00
33.33 100MHz Non-Spread
16
1
0
0
0
0
100.00 100.00
33.33
75MHz Non-Spread
17
1
0
0
0
1
100.00 100.00
33.33
75MHz Non-Spread
18
1
0
0
1
0
83.33
100.00
33.33
75MHz Non-Spread
19
1
0
0
1
1
83.33
100.00
33.33
75MHz Non-Spread
20
1
0
1
0
0
133.33 100.00
33.33
75MHz Non-Spread
21
1
0
1
0
1
133.33 100.00
33.33
75MHz Non-Spread
22
1
0
1
1
0
166.67 100.00
33.33
75MHz Non-Spread
23
10
1
1
1
166.67 100.00
33.33
75MHz Non-Spread
24
1
1
0
0
0
100.00 100.00
33.33
75MHz Non-Spread
25
1
1
0
0
1
100.00 100.00
33.33
75MHz Non-Spread
26
1
1
0
1
0
83.33
100.00
33.33
75MHz Non-Spread
27
1
1
0
1
1
83.33
100.00
33.33
75MHz Non-Spread
28
1
1
1
0
0
133.33 100.00
33.33
75MHz Non-Spread
29
1
1
1
0
1
133.33 100.00
33.33
75MHz Non-Spread
30
1
1
1
1
0
166.67 100.00
33.33
75MHz Non-Spread
31
11
1
1
1
166.67 100.00
33.33
75MHz Non-Spread


Similar Part No. - 9LPRS436CKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS436CKLFT RENESAS-9LPRS436CKLFT Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
More results

Similar Description - 9LPRS436CKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS436CKILF IDT-ICS9LPRS436CKILF Datasheet
193Kb / 20P
   Low Power Clock for Intel Atom짰-Based Systems
logo
Renesas Technology Corp
9LPRS436C RENESAS-9LPRS436C Datasheet
339Kb / 21P
   Low Power Clock for Intel Atom®-Based Systems
1561C 08/24/11
logo
Integrated Device Techn...
IDTCV193 IDT-IDTCV193 Datasheet
181Kb / 21P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
IDTCV193 RENESAS-IDTCV193 Datasheet
345Kb / 22P
   PROGRAMMABLE FLEXPC LP/S CLOCK FOR INTEL BASED SYSTEMS
APRIL 8, 2009
logo
Adlink Technology Inc.
SP-AL ADLINK-SP-AL Datasheet
408Kb / 2P
   Intel Atom짰 Processor-based Fanless Panel Computer
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Integrated Device Techn...
ICS9LRS3187B IDT-ICS9LRS3187B Datasheet
199Kb / 20P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
logo
Renesas Technology Corp
ICS9LRS3187B RENESAS-ICS9LRS3187B Datasheet
345Kb / 21P
   PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
2019
9EPRS488 RENESAS-9EPRS488 Datasheet
475Kb / 23P
   System Clock for Embedded AMDTM based Systems
08/20/09
logo
Beckhoff Automation Gmb...
CX5240 BECKHOFF-CX5240 Datasheet
209Kb / 4P
   Embedded PC with Intel Atom짰 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com