Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9FGP205AKLFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9FGP205AKLFT
Description  Frequency Timing Generator for Peripherals
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGP205AKLFT Datasheet(HTML) 4 Page - Integrated Device Technology

  9FGP205AKLFT Datasheet HTML 1Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 2Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 3Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 4Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 5Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 6Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 7Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 8Page - Integrated Device Technology 9FGP205AKLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IDT®
Frequency Timing Generator for Peripherals
1664—05/14/10
9FGP205
Frequency Timing Generator for Peripherals
4
Advance Information
Drive Strength for all the single-ended outputs can be controlled by the SMBus Bytes 4 and 5 as shown in the Default Drive Strength Table.
Test Load
CL=5pF
Rs
Zo
ICS9FGP202A
SEPP Output Buffer
(Single Ended
Push Pull)
Rs
Zo
Rs
Zo
SEPP Output Buffer
(Single Ended
Push Pull)
CL=5pF
CL=5pF
L1
L2
NOTE: L1 must equal L2 +/- 25 mils
ICS9FGP205
Default Drive Strength Table
Default Drive
Optional Drive
RGMII
1 Load
NA
RMII
1 Load
2 Loads
33.33MHz
2 Loads
1 Load
25Mhz
2 Loads
1 Load
32.768KHz
2 Loads
1 Load
Series Termination Resistor Values EXCEPT RGMII
Output Drive
Strength
Series Resistor
(Rs) for driving 1
Load
Series Resistor
(Rs) for driving 2
Loads
1 Load
22 ohms
N/A
2 Loads
33 ohms
8.2 ohms
Note: All values are for Zo = 50Ω
Series Termination Resistor Values - RGMII
Output Drive
Strength
Series Resistor
(Rs) for driving 1
Load
Series Resistor
(Rs) for driving 2
Loads
1 Load
27 ohms
N/A
Note: All values are for Zo = 50Ω


Similar Part No. - 9FGP205AKLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9FGP205AKLFT RENESAS-9FGP205AKLFT Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
More results

Similar Description - 9FGP205AKLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com