Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU40220R Datasheet(PDF) 2 Page - Ruichips Semiconductor Co., Ltd

Part # RU40220R
Description  N-Channel Advanced Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUICHIPS [Ruichips Semiconductor Co., Ltd]
Direct Link  http://www.ruichips.com
Logo RUICHIPS - Ruichips Semiconductor Co., Ltd

RU40220R Datasheet(HTML) 2 Page - Ruichips Semiconductor Co., Ltd

  RU40220R Datasheet HTML 1Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 2Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 3Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 4Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 5Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 6Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 7Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 8Page - Ruichips Semiconductor Co., Ltd RU40220R Datasheet HTML 9Page - Ruichips Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright
© Ruichips Semiconductor Co., Ltd
Rev.A –APR., 2011
2
www.ruichips.com
RU40220R
Electrical Characteristics (T
A=25°C Unless Otherwise Noted)
RU40220R
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250
µA
40
V
VDS= 40V, VGS=0V
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250
µA
2
3
4
V
IGSS
Gate Leakage Current
VGS=±20V, VDS=0V
±100
nA
RDS(ON)
Drain-Source On-state Resistance
VGS=10V, IDS=75A
2.3
3
m
Notes:
①Pulse width limited by safe operating area.
②Current limited by package( Limitation Current is 75A )
③Pulse test ; Pulse width
≤300
µs, duty cycle≤2%.
④Guaranteed by design, not subject to production testing.
Diode Characteristics
VSD
Diode Forward Voltage
ISD=75A, VGS=0V
1.2
V
trr
Reverse Recovery Time
74
ns
qrr
Reverse Recovery Charge
ISD=40A, dlSD/dt=100A/
µs
148
nC
Dynamic Characteristics
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
1.4
Ciss
Input Capacitance
5750
Coss
Output Capacitance
1400
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS= 30V,
Frequency=1.0MHz
480
pF
td(ON)
Turn-on Delay Time
21
tr
Turn-on Rise Time
37
td(OFF)
Turn-off Delay Time
75
tf
Turn-off Fall Time
VDD=35V, RL=35
Ω,
IDS=1A, VGEN= 10V,
RG=6
115
ns
Gate Charge Characteristics
Qg
Total Gate Charge
154
218
Qgs
Gate-Source Charge
44
Qgd
Gate-Drain Charge
VDS=30V, VGS= 10V,
IDS=40A
47
nC


Similar Part No. - RU40220R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU40231Q2 RUICHIPS-RU40231Q2 Datasheet
316Kb / 9P
   N-Channel Advanced Power MOSFET
RU40231R RUICHIPS-RU40231R Datasheet
314Kb / 9P
   N-Channel Advanced Power MOSFET
RU40280R RUICHIPS-RU40280R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
More results

Similar Description - RU40220R

ManufacturerPart #DatasheetDescription
logo
Ruichips Semiconductor ...
RU1H130Q RUICHIPS-RU1H130Q Datasheet
303Kb / 8P
   N-Channel Advanced Power MOSFET
RU1Z120R RUICHIPS-RU1Z120R Datasheet
453Kb / 8P
   N-Channel Advanced Power MOSFET
RU6H2L RUICHIPS-RU6H2L Datasheet
339Kb / 8P
   N-Channel Advanced Power MOSFET
RU40120M RUICHIPS-RU40120M Datasheet
309Kb / 8P
   N-Channel Advanced Power MOSFET
RU30100L RUICHIPS-RU30100L Datasheet
286Kb / 9P
   N-Channel Advanced Power MOSFET
RU1H130R RUICHIPS-RU1H130R Datasheet
294Kb / 9P
   N-Channel Advanced Power MOSFET
RU6H10R RUICHIPS-RU6H10R Datasheet
450Kb / 11P
   N-Channel Advanced Power MOSFET
RU30D8H RUICHIPS-RU30D8H Datasheet
258Kb / 9P
   N-Channel Advanced Power MOSFET
RU40E25L RUICHIPS-RU40E25L Datasheet
281Kb / 9P
   N-Channel Advanced Power MOSFET
RU4099R RUICHIPS-RU4099R Datasheet
466Kb / 12P
   N-Channel Advanced Power MOSFET
RU6050R RUICHIPS-RU6050R Datasheet
292Kb / 9P
   N-Channel Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com