Electronic Components Datasheet Search |
|
IDT2309B-1HPGGI Datasheet(PDF) 5 Page - Integrated Device Technology |
|
IDT2309B-1HPGGI Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 10 page 5 COMMERCIALANDINDUSTRIALTEMPERATURERANGES IDT2309B 3.3V ZERO DELAY CLOCK BUFFER SWITCHING CHARACTERISTICS (2309B-1H) - INDUSTRIAL (1,2) Symbol Parameter Conditions Min. Typ. Max. Unit t1 Output Frequency 10pF Load 10 — 133 MHz 30pF Load 10 — 100 Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT = 66.66MHz 40 50 60 % Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT <50MHz 45 50 55 % t3 Rise Time Measured between 0.8V and 2V — — 1.5 ns t4 Fall Time Measured between 0.8V and 2V — — 1.5 ns t5 Output to Output Skew All outputs equally loaded — — 250 ps t6A Delay, REF Rising Edge to CLKOUT Rising Edge Measured at VDD/2 — 0 ±350 ps t6B Delay, REF Rising Edge to CLKOUT Rising Edge Measured at VDD/2 in PLL bypass mode (IDT2309B only) 1 5 8.7 ns t7 Device-to-Device Skew Measured at VDD/2 on the CLKOUT pins of devices — 0 700 ps t8 Output Slew Rate Measured between 0.8V and 2V using Test Circuit 2 1 — — V/ns tJ Cycle-to-Cycle Jitter Measured at 66.66MHz, loaded outputs — — 175 ps tLOCK PLL Lock Time Stable power supply, valid clock presented on REF pin — — 1 ms NOTES: 1. REF Input has a threshold voltage of VDD/2. 2. All parameters specified with loaded outputs. SWITCHING CHARACTERISTICS (2309B-1) - INDUSTRIAL (1,2) Symbol Parameter Conditions Min. Typ. Max. Unit t1 Output Frequency 10pF Load 10 — 133 MHz 30pF Load 10 — 100 Duty Cycle = t2 ÷ t1 Measured at 1.4V, FOUT = 66.66MHz 40 50 60 % t3 Rise Time Measured between 0.8V and 2V — — 2.5 ns t4 Fall Time Measured between 0.8V and 2V — — 2.5 ns t5 Output to Output Skew All outputs equally loaded — — 250 ps t6A Delay, REF Rising Edge to CLKOUT Rising Edge Measured at VDD/2 — 0 ±350 ps t6B Delay, REF Rising Edge to CLKOUT Rising Edge Measured at VDD/2 in PLL bypass mode (IDT2309B only) 1 5 8.7 ns t7 Device-to-Device Skew Measured at VDD/2 on the CLKOUT pins of devices — 0 700 ps tJ Cycle-to-Cycle Jitter Measured at 66.66MHz, loaded outputs — 50 175 ps tLOCK PLL Lock Time Stable power supply, valid clock presented on REF pin — — 1 ms NOTES: 1. REF Input has a threshold voltage of VDD/2. 2. All parameters specified with loaded outputs. |
Similar Part No. - IDT2309B-1HPGGI |
|
Similar Description - IDT2309B-1HPGGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |