Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT2309B-1HPGGBLANK Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT2309B-1HPGGBLANK
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309B-1HPGGBLANK Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT2309B-1HPGGBLANK Datasheet HTML 2Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 3Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 4Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 5Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 6Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 7Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 8Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 9Page - Integrated Device Technology IDT2309B-1HPGGBLANK Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309B
3.3V ZERO DELAY CLOCK BUFFER
VDD
OUTPUTS
CLKOUT
CLOAD
VDD
GND
GND
0.1µF
0.1µF
VDD
OUTPUTS
10pF
VDD
GND
GND
0.1µF
0.1µF
1KΩ
1KΩ
CLKOUT
Output
1.4V
1.4V
t5
Output
REF
VDD/2
t6
Output
CLKOUT
Device 1
t7
CLKOUT
Device 2
VDD/2
VDD/2
VDD/2
1.4V
1.4V
t2
t1
1.4V
2V
0.8V
t3
t4
0.8V
3.3V
0V
2V
Output
All Outputs Rise/Fall Time
Input to Output Propagation Delay
Device to Device Skew
Output to Output Skew
Duty Cycle Timing
SWITCHING WAVEFORMS
Test Circuit 1 (all Parameters Except t8)
Test Circuit 2 (t8, Output Slew Rate On -1H Devices)
TEST CIRCUITS


Similar Part No. - IDT2309B-1HPGGBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2309B-1HPGG RENESAS-IDT2309B-1HPGG Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
IDT2309B-1HPGGI RENESAS-IDT2309B-1HPGGI Datasheet
299Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results

Similar Description - IDT2309B-1HPGGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com