Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2058DAGBLANK Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT82V2058DAGBLANK
Description  OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2058DAGBLANK Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT82V2058DAGBLANK Datasheet HTML 3Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 4Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 5Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82V2058DAGBLANK Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
IDT82V2058 OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
INDUSTRIAL TEMPERATURE RANGES
Hardware/Host Control Interface
MODE2
I
(Pulled to
VDDIO/2)
11
E2
MODE2: Control Mode Select 2
The signal on this pin determines which control mode is selected to control the device:
Hardware control pins include MODE[2:0], LP[7:0], CODE, CLKE, JAS and OE.
Serial host Interface pins include CS, SCLK, SDI, SDO and INT.
Parallel host Interface pins include CS, A[4:0], D[7:0], WR/DS, RD/R/W, ALE/AS, INT and RDY/ACK. The
device supports multiple parallel host interface as follows (refer to MODE1 and MODE0 pin descriptions
below for details):
MODE1
I
43
K2
MODE1: Control Mode Select 1
In parallel host mode, the parallel interface operates with separate address bus and data bus when this pin
is low, and operates with multiplexed address and data bus when this pin is high.
In serial host mode or hardware mode, this pin should be grounded.
MODE0/CODE
I
88
H12
MODE0: Control Mode Select 0
In parallel host mode, the parallel host interface is configured for Motorola compatible hosts when this pin
is low, or for Intel compatible hosts when this pin is high.
CODE: Line Code Rule Select
In hardware control mode, the HDB3 encoder/decoder is enabled when this pin is low, and AMI encoder/
decoder is enabled when this pin is high. The selections affect all the channels.
In serial host mode, this pin should be grounded.
CS/JAS
I
(Pulled to
VDDIO/2)
87
J11
CS: Chip Select (Active Low)
In host mode, this pin is asserted low by the host to enable host interface. A high to low transition must
occur on this pin for each read/write operation and the level must not return to high until the operation is
over.
JAS: Jitter Attenuator Select
In hardware control mode, this pin globally determines the Jitter Attenuator position:
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160
MODE2
Control Interface
Low
Hardware Mode
VDDIO/2
Serial Host Interface
High
Parallel Host Interface
MODE[2:0]
Host Interface
100
Non-multiplexed Motorola Mode Interface
101
Non-multiplexed Intel Mode Interface
110
Multiplexed Motorola Mode Interface
111
Multiplexed Intel Mode Interface
JAS
Jitter Attenuator (JA) Configuration
Low
JA in transmit path
VDDIO/2
JA not used
High
JA in receive path


Similar Part No. - IDT82V2058DAGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058DA IDT-IDT82V2058DA Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2058DAGBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com