Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2082PFBLANK Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT82V2082PFBLANK
Description  DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2082PFBLANK Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT82V2082PFBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 11Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 12Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 13Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 14Page - Integrated Device Technology IDT82V2082PFBLANK Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
IDT82V2082
DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
PIN DESCRIPTION
11
May 4, 2009
Notes:
1. The footprint ‘n’ (n = 1~2) represents one of the two channels.
2. The name and address of the registers that contain the preceding bit. Only the address of channel 1 register is listed, the rest addresses are represented by ‘...’. Users can find
these omitted addresses in the Register Description section.
3. TCLKn missing: the state of TCLKn continues to be high level or low level over 70 MCLK cycles.
2
PIN DESCRIPTION
Table-1 Pin Description
Name
Type
TQFP80
Pin No.
FPBGA81
Pin No.
Description
TTIP1
TTIP2
TRING1
TRING2
Analog
Output
63
78
62
79
A7
A3
A8
A2
TTIPn1/TRINGn: Transmit Bipolar Tip/Ring for Channel 1~2
These pins are the differential line driver outputs and can be set to high impedance state globally or individually. A logic
high on THZ pin turns all these pins into high impedance state. When THZ bit (TCF1, 03H...)2 is set to ‘1’, the TTIPn/
TRINGn in the corresponding channel is set to high impedance state.
In summary, these pins will become high impedance in the following conditions:
THZ pin is high: all TTIPn/TRINGn enter high impedance;
THZn bit is set to 1: the corresponding TTIPn/TRINGn become high impedance;
Loss of MCLK: all TTIPn/TRINGn pins become high impedance;·
Loss of TCLKn: the corresponding TTIPn/TRINGn become HZ (exceptions: Remote Loopback; Transmit internal
pattern by MCLK);
Transmitter path power down: the corresponding TTIPn/TRINGn become high impedance;
After software reset; pin reset and power on: all TTIPn/TRINGn enter high impedance.
RTIP1
RTIP2
RRING1
RRING2
Analog
Input
67
74
66
75
E5
D5
D6
C4
RTIPn/RRINGn: Receive Bipolar Tip/Ring for Channel 1~2
These signals are the differential receiver inputs.
TD1/TDP1
TD2/TDP2
TDN1
TDN2
I37
23
36
24
H7
H3
G6
H2
TDn: Transmit Data for Channel 1~2
When the device is in single rail mode, the NRZ data to be transmitted is input on this pin. Data on TDn pin is sampled
into the device on the active edge of TCLKn and is encoded by AMI, HDB3 or B8ZS line code rules before being trans-
mitted. In this mode, TDNn should be connected to ground.
TDPn/TDNn: Positive/Negative Transmit Data
When the device is in dual rail mode, the NRZ data to be transmitted for positive/negative pulse is input on these pins.
Data on TDPn/TDNn pin is sampled into the device on the active edge of TCLKn. The active polarity is also selectable.
Refer to 3.3.1 TRANSMIT PATH SYSTEM INTERFACE for details. The line code in dual rail mode is as follows:
TCLK1
TCLK2
I38
22
J7
J3
TCLKn: Transmit Clock for Channel 1~2
This pin inputs 1.544 MHz for T1/J1 mode or 2.048 MHz for E1 mode transmit clock. The transmit data at TDn/TDPn or
TDNn is sampled into the device on the active edge of TCLKn. If TCLKn is missing3 and the TCLKn missing interrupt is
not masked, an interrupt will be generated.
TDPn
TDNn
Output Pulse
0
0
Space
0
1
Positive Pulse
1
0
Negative Pulse
1
1
Space


Similar Part No. - IDT82V2082PFBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082PF IDT-IDT82V2082PF Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2082PFBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com