Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2058BBBLANK Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT82V2058BBBLANK
Description  OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2058BBBLANK Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT82V2058BBBLANK Datasheet HTML 1Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 2Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 3Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 4Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 5Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82V2058BBBLANK Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
IDT82V2058 OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
INDUSTRIAL TEMPERATURE RANGES
DESCRIPTION
The IDT82V2058 is a single chip, 8-channel E1 short haul PCM
transceiver with a reference clock of 2.048 MHz. The IDT82V2058
contains 8 transmitters and 8 receivers.
All the receivers and transmitters can be programmed to work either
in Single Rail mode or Dual Rail mode. HDB3 or AMI encoder/decoder is
selectable in Single Rail mode. Pre-encoded transmit data in NRZ
format can be accepted when the device is configured in Dual Rail
mode. The receivers perform clock and data recovery by using inte-
grated digital phase-locked loop. As an option, the raw sliced data (no
retiming) can be output on the receive data pins. Transmit equalization is
implemented with low-impedance output drivers that provide shaped
waveforms to the transformer, guaranteeing template conformance.
A jitter attenuator is integrated in the IDT82V2058 and can be
switched into either the transmit path or the receive path for all channels.
The jitter attenuation performance meets ETSI CTR12/13, ITU G.736,
G.742 and G.823 specifications.
The IDT82V2058 offers hardware control mode and software control
mode. Software control mode works with either serial host interface or
parallel host interface. The latter works via an Intel/Motorola compatible
8-bit parallel interface for both multiplexed or non-multiplexed applica-
tions. Hardware control mode uses multiplexed pins to select different
operation modes when the host interface is not available to the device.
The IDT82V2058 also provides loopback and JTAG boundary scan
testing functions. Using the integrated monitoring function, the
IDT82V2058 can be configured as a 7-channel transceiver with non-
intrusive protected monitoring points.
The IDT82V2058 can be used for SDH/SONET multiplexers, central
office or PBX, digital access cross connects, digital radio base stations,
remote wireless modules and microwave transmission systems.
PIN CONFIGURATIONS
Figure-2 TQFP144 Package Pin Assignment
IDT82V2058
(Top View)
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
BPVI3/TDN3
RCLK3
RD3/RDP3
CV3/RDN3
LOS3
RTIP3
RRING3
VDDT3
TTIP3
TRING3
GNDT3
RRING2
RTIP2
GNDT2
TRING2
TTIP2
VDDT2
RTIP1
RRING1
VDDT1
TTIP1
TRING1
GNDT1
RRING0
RTIP0
GNDT0
TRING0
TTIP0
VDDT0
MODE1
LOS0
CV0/RDN0
RD0/RDP0
RCLK0
BPVI0/TDN0
TD0/TDP0
BPVI4/TDN4
RCLK4
RD4/RDP4
CV4/RDN4
LOS4
OE
CLKE
VDDT4
TTIP4
TRING4
GNDT4
RTIP4
RRING4
GNDT5
TRING5
TTIP5
VDDT5
RRING5
RTIP5
VDDT6
TTIP6
TRING6
GNDT6
RTIP6
RRING6
GNDT7
TRING7
TTIP7
VDDT7
RRING7
RTIP7
LOS7
CV7/RDN7
RD7/RDP7
RCLK7
BPVI7/TDN7


Similar Part No. - IDT82V2058BBBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058BB IDT-IDT82V2058BB Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2058BBBLANK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com