Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82P20416DBFGBLANK Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82P20416DBFGBLANK
Description  16-Channel Short Haul T1/E1/J1 Line Interface Unit
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82P20416DBFGBLANK Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82P20416DBFGBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 11Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 12Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 13Page - Integrated Device Technology IDT82P20416DBFGBLANK Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
IDT82P20416
16-CHANNEL SHORT HAUL T1/E1/J1 LINE INTERFACE UNIT
Block Diagram
10
December 17, 2009
BLOCK DIAGRAM
Figure-1 Functional Block Diagram
MCLK
MCKSEL[3:0]
CLKT1
CLKE1
CLKA
CLKB
TRST
TMS
TCK
TDI
TDO
CS
INT
SDO
SCLK
SDI
OE
TEHWE
TEHW
REF
RST
GPIO[1:0]
RIM
VCOM[1:0]
VCOMEN


Similar Part No. - IDT82P20416DBFGBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
More results

Similar Description - IDT82P20416DBFGBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Dallas Semiconductor
DS26324 DALLAS-DS26324_07 Datasheet
852Kb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324 Datasheet
746Kb / 112P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit
REV: 070105
logo
Exar Corporation
XRT83VSH38 EXAR-XRT83VSH38 Datasheet
1Mb / 76P
   8-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314_05 Datasheet
1Mb / 83P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL314 EXAR-XRT83SL314 Datasheet
569Kb / 85P
   14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com