Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V2058-10 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82V2058-10
Description  OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2058-10 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82V2058-10 Datasheet HTML 5Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 6Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 7Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 8Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 9Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 10Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 11Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 12Page - Integrated Device Technology IDT82V2058-10 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9
IDT82V2058 OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
INDUSTRIAL TEMPERATURE RANGES
LP7/D7/AD7
LP6/D6/AD6
LP5/D5/AD5
LP4/D4/AD4
LP3/D3/AD3
LP2/D2/AD2
LP1/D1/AD1
LP0/D0/AD0
I/O
High-Z
28
27
26
25
24
23
22
21
K1
J1
J2
J3
J4
H2
H3
G2
LPn: Loopback Select 7~0
In hardware control mode, pin LPn configures the corresponding channel in different loopback mode, as
follows:
Refer to 2.16 Loopback Mode for details.
Dn: Data Bus 7~0
In non-multiplexed host mode, these pins are the bi-directional data bus.
ADn: Address/Data Bus 7~0
In multiplexed host mode, these pins are the multiplexed bi-directional address/data bus.
In serial host mode, these pins should be grounded.
A4
MC3/A3
MC2/A2
MC1/A1
MC0/A0
I
12
13
14
15
16
F4
F3
F2
F1
G3
MCn: Performance Monitor Configuration 3~0
In hardware control mode, A4 must be connected to GND. MC[3:0] are used to select one transmitter or
receiver of channel 1 to 7 for non-intrusive monitoring. Channel 0 is used as the monitoring channel. If a
transmitter is monitored, signals on the corresponding pins TTIPn and TRINGn are internally transmitted
to RTIP0 and RRING0. If a receiver is monitored, signals on the corresponding pins RTIPn and RRINGn
are internally transmitted to RTIP0 and RRING0. The monitored is then output to RDP0 and RDN0 pins.
In host mode operation, the signals monitored by channel 0 can be routed to TTIP0/RING0 by activating
the remote loopback in this channel. Refer to 2.19 G.772 Monitoring for more details.
Performance Monitor Configuration determined by MC[3:0] is shown below. Note that if MC[2:0] = 000, the
device is in normal operation of all the channels.
An: Address Bus 4~0
When pin MODE1 is low, the parallel host interface operates with separate address and data bus. In this
mode, the signal on this pin is the address bus of the host interface.
OE
I
114
E14
OE: Output Driver Enable
Pulling this pin low can drive all driver output into high-Z for redundancy application without external
mechanical relays. In this condition, all other internal circuits remain active.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description
TQFP144 PBGA160
LPn
Loopback Configuration
Low
Remote Loopback
VDDIO/2
No loopback
High
Analog Loopback
MC[3:0]
Monitoring Configuration
0000
Normal operation without monitoring
0001
Monitor Receiver 1
0010
Monitor Receiver 2
0011
Monitor Receiver 3
0100
Monitor Receiver 4
0101
Monitor Receiver 5
0110
Monitor Receiver 6
0111
Monitor Receiver 7
1000
Normal operation without monitoring
1001
Monitor Transmitter 1
1010
Monitor Transmitter 2
1011
Monitor Transmitter 3
1100
Monitor Transmitter 4
1101
Monitor Transmitter 5
1110
Monitor Transmitter 6
1111
Monitor Transmitter 7


Similar Part No. - IDT82V2058-10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
Integrated Device Techn...
IDT82V2058BB IDT-IDT82V2058BB Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2058DA IDT-IDT82V2058DA Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2058-10

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2058 IDT-IDT82V2058 Datasheet
609Kb / 52P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2058 RENESAS-IDT82V2058 Datasheet
889Kb / 54P
   OCTAL E1 SHORT HAUL LINE INTERFACE UNIT
January 21, 2010
logo
List of Unclassifed Man...
CH5008 ETC-CH5008 Datasheet
133Kb / 2P
   Octal E1 Short Haul Line Interface Unit
Rev1.0, March,2005
logo
Renesas Technology Corp
IDT82V2048 RENESAS-IDT82V2048 Datasheet
723Kb / 63P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
November 14, 2012
logo
Integrated Device Techn...
IDT82V2048 IDT-IDT82V2048 Datasheet
673Kb / 61P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2048 IDT-IDT82V2048_10 Datasheet
1Mb / 62P
   OCTAL T1/E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com