Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS14A Datasheet(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

Part # SS14A
Description  Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

SS14A Datasheet(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  SS14A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd SS14A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12A ...... SS110A
表面安装肖特基二极管
反向电压
20 ---100 V
正向电流
1.0 A
SIYU R
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Surface Mount Schottky Barrier Rectifier
Reverse Voltage 20 to 100 V
Forward Current 1.0 A
SS12A
1.0
30
88
20
14
0.50
0.85
15
V
V
A
V
A
mA
/W
pF
单位
Unit
V
VR(RMS)
最大正向平均整流电流
最大峰值反向电压
最大反向有效值电压
-55 --- +150
VRRM
IFM
最大正向电压降
IF = 1.0A
VF
正向峰值浪涌电流 8.3mS单一正弦半波
IFSM
最大反向漏电流
IR
典型热阻
RθJA
Tj
典型结电容
VR = 4.0V f = 1.0MHz
Cj
Maximum repetitive peak reverse voltage
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Type junction capacitance
符号
Symbols
VDC
20
SS14A
SS16A
SS110A
40
28
40
60
42
60
100
70
100
0.7
大昌电子
DACHANG ELECTRONICS
0.5
10
TA = 25℃
TA = 100℃
·正向压降低。
Low Forward Voltage Drop
·大电流承受能力。
High Current Capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
特征
Features
·引线和管体皆符合RoHS标准 。
Lead and body according with RoHS standard
SMA
.114(2.90)
.098(2.50)
.062(1.60)
.055(1.20)
.181(4.60)
.157(4.00)
.012(0.305)
.006(0.152)
.208(5.28)
.118(4.80)
.060(1.52)
.030(0.76)
Unit:inch(mm)
.096(2.44)
.078(2.00)
.008(0.203)
.002(0.051)
-55 --- +150
TSTG
-55 --- +125
工作结温
Operating junction
存储温度
Storage temperature range


Similar Part No. - SS14A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS14A ETC2-SS14A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS14A DACHANG-SS14A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SS14A LUGUANG-SS14A Datasheet
2Mb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS14A YANGJIE-SS14A Datasheet
202Kb / 2P
   Schottky Rectifier
logo
HY ELECTRONIC CORP.
SS14A HY-SS14A Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
More results

Similar Description - SS14A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
SS32A DACHANG-SS32A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 3.0 A
SS22A DACHANG-SS22A Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS22B DACHANG-SS22B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 2.0 A
SS32B DACHANG-SS32B Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 150 V Forward Current 3.0 A
SS32C DACHANG-SS32C Datasheet
116Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 200 V Forward Current 3.0 A
logo
First Silicon Co., Ltd
MB12S FS-MB12S Datasheet
114Kb / 2P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
logo
GOOD-ARK Electronics
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
   Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
logo
AiT Semiconductor Inc.
DS12W AITSEMI-DS12W Datasheet
716Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1A
REV1.0
logo
Foshan Blue Rocket Elec...
SS22F FOSHAN-SS22F Datasheet
950Kb / 6P
   Surface Mount Schottky Barrier Rectifier, Reverse Voltage:20 to 200 V, Forward Current:2.0A, SMAF
logo
Rugao Dachang Electroni...
MBRF1540 DACHANG-MBRF1540 Datasheet
149Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 100 V Forward Current 15 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com