Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFS17W Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part No. BFS17W
Description  NPN Silicon RF Transistor (For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFS17W Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFS17W Datasheet HTML 1Page - Siemens Semiconductor Group BFS17W Datasheet HTML 2Page - Siemens Semiconductor Group BFS17W Datasheet HTML 3Page - Siemens Semiconductor Group BFS17W Datasheet HTML 4Page - Siemens Semiconductor Group BFS17W Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
Nov-28-1996
BFS 17W
Collector-base capacitance
Ccb = f (VCB)
VBE = vbe = 0, f = 1MHz
0
4
8
12
16
20
V
26
V
CB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
pF
1.3
C
cb
Transition frequency
fT = f (IC)
VCE = Parameter
0
5
10
15
20
mA
30
I
C
0.0
0.5
1.0
1.5
2.0
GHz
3.0
f
T
10V
5V
3V
2V
1V
0.7V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BFS17PNPN Silicon RF Transistor For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA 1 2 3 4 5 Siemens Semiconductor Group
BFS17SNPN Silicon RF Transistor For broadband amplifiers up to 1GHz at collector currents from 1mA to 20mA 1 2 3 4 5 Siemens Semiconductor Group
BFP182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182RNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFP182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182NPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR182WNPN Silicon RF Transistor For low noise high-gain broadband amplifiers at collector currents from 1mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFR35APNPN Silicon RF Transistor For low distortion broadband amplifiers and oscillators up to 2GHz at collector currents from 0.5mA to 20mA 1 2 3 Siemens Semiconductor Group
BFS482NPN Silicon RF Transistor For low-noise high-gain broadband amplifiers at collector currents from 1mA to 20mA. 1 2 3 4 5 MoreSiemens Semiconductor Group
BFQ70NPN Silicon RF Transistor For low-noise IF and broadband amplifiers in antenna and telecommunications systems at collector currents from 2mA to 20mA 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn