Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT807CTPYPBLANK Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT807CTPYPBLANK
Description  FAST CMOS 1-TO-10 CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT807CTPYPBLANK Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT807CTPYPBLANK Datasheet HTML 1Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 2Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 3Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 4Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 5Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 6Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 7Page - Integrated Device Technology 74FCT807CTPYPBLANK Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
IDT74FCT807BT/CT
FAST CMOS 1-TO-10 CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. tPLH, tPHL, tSK(t) are production tested. All other parameters guaranteed but not production tested.
4. Propagation delay range indicated by Min. and Max. limit is due to VCC, operating temperature and process parameters. These propagation delay limits do not imply skew.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL(3,4)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.3
2.9
1.3
2.7
ns
tPHL
tR
OutputRiseTime
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.6
0.35
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
0.6
0.45
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
0.9
0.65
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
50
Ωto VCC/2,
CL = 10pF
(See figure 1)
or 50
Ωac
termination,
CL = 10pF
(See figure 2)
f
≤100MHz
Outputsconnectedin
groups of two
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
4
1.5
3.7
ns
tPHL
tR
OutputRiseTime
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.6
0.35
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
0.6
0.45
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
0.9
0.75
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
CL = 30pF
f
≤67MHz
(See figure 3)
FCT807BT
FCT807CT
Symbol
Parameter
Conditions(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
1.5
4
1.5
3.7
ns
tPHL
tR
OutputRiseTime
1.5
1.5
ns
tF
OutputFallTime
1.5
1.5
ns
tSK(O)
Output skew: skew between outputs of all banks of
0.6
0.45
ns
samepackage(inputstiedtogether)
tSK(P)
Pulseskew:skewbetweenoppositetransitions
0.7
0.55
ns
ofsameoutput(|tPHL-–tPLH|)
tSK(T)
Packageskew:skewbetweenoutputsofdifferent
1
0.75
ns
packages at same power supply voltage,
temperature,packagetypeandspeedgrade
CL = 30pF
f
≤40MHz
(See figure 4)


Similar Part No. - 74FCT807CTPYPBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT807CTPYG RENESAS-74FCT807CTPYG Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
74FCT807CTPYGI RENESAS-74FCT807CTPYGI Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
More results

Similar Description - 74FCT807CTPYPBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT_05 Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P20807A ALSC-ASM2P20807A Datasheet
467Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
PulseCore Semiconductor
PCS2P20807A PULSECORE-PCS2P20807A Datasheet
464Kb / 11P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com