Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT38074 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT38074
Description  3.3V CMOS 1-TO-4 CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT38074 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT38074_09 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT38074_09 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT38074_09 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT38074_09 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT38074_09 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDT74FCT38074
3.3V CMOS 1-TO-4 CLOCK DRIVER
INDUSTRIALTEMPERATURERANGE
MAY 2010
2004 Integrated Device Technology, Inc.
DSC-6594/6
c
IDT74FCT38074
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS
1-TO-4 CLOCK DRIVER
DESCRIPTION:
The FCT38074 is a 3.3V clock driver built using advanced CMOS
technology. Thislowskewclockdriveroffers1:4fanout. Thelargefanoutfrom
asingleinputreducesloadingontheprecedingdriverandprovidesanefficient
clockdistributionnetwork. Multiplepowerandgroundsreducenoise. Typical
applicationsareclockandsignaldistribution.
FUNCTIONAL BLOCK DIAGRAM
IN
O1
O2
O3
O4
PIN CONFIGURATION
VCC
GND
O1
O4
VCC
IN
O3
O2
1
2
3
4
5
6
7
8
SOIC
TOP VIEW
FEATURES:
• Advanced CMOS Technology
• Guaranteed low skew < 100ps (max.)
• Very low duty cycle distortion< 250ps (max.)
• High speed propagation delay< 3ns (max.)
• Very low CMOS power levels
• TTL compatible inputs and outputs
• 1:4 fanout
• Maximum output rise and fall time < 1.5ns (max.)
• Low input capacitance: 3pF typical
•VCC = 3.3V ± 0.3V
• Inputs can be driven from 3.3V or 5V components
• Operating frequency up to 166MHz
• Available in SOIC package
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT74FCT38074_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT38074DCGI IDT-IDT74FCT38074DCGI Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
IDT74FCT38074DCI IDT-IDT74FCT38074DCI Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
More results

Similar Description - IDT74FCT38074_09

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT38074 IDT-IDT74FCT38074 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38074 RENESAS-IDT74FCT38074 Datasheet
213Kb / 6P
   3.3V CMOS 1-TO-4 CLOCK DRIVER
MAY 2010
logo
Potato Semiconductor Co...
PO74G38074A POTATO-PO74G38074A Datasheet
478Kb / 5P
   3.3V 1:4 CMOS Clock Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Integrated Device Techn...
IDT74FCT3807D IDT-IDT74FCT3807D Datasheet
58Kb / 6P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT38072 IDT-IDT74FCT38072 Datasheet
58Kb / 5P
   3.3V CMOS 1-TO-2 CLOCK DRIVER
IDT74FCT3807 IDT-IDT74FCT3807 Datasheet
67Kb / 8P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com